Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS555CPT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS555CPT
Description  Low power single CMOS timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555CPT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS555CPT Datasheet HTML 9Page - STMicroelectronics TS555CPT Datasheet HTML 10Page - STMicroelectronics TS555CPT Datasheet HTML 11Page - STMicroelectronics TS555CPT Datasheet HTML 12Page - STMicroelectronics TS555CPT Datasheet HTML 13Page - STMicroelectronics TS555CPT Datasheet HTML 14Page - STMicroelectronics TS555CPT Datasheet HTML 15Page - STMicroelectronics TS555CPT Datasheet HTML 16Page - STMicroelectronics TS555CPT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TS555
Application information
13/20
4.2
Astable operation
When the circuit is connected as shown in Figure 6 (pins 2 and 6 connected) it triggers itself
and runs as a multi-vibrator. The external capacitor charges through RA and RB and
discharges through RB only. Therefore, the duty cycle may be precisely set by the ratio of
these two resistors.
In the astable mode of operation, C charges and discharges between 1/3 VCC and 2/3 VCC.
As in the triggered mode, the charge and discharge times, and therefore frequency, are
independent of the supply voltage.
Figure 6.
Application schematic
Figure 7 shows actual waveforms generated in this mode of operation.
The charge time (output HIGH) is given by:
t1 = 0.693 (RA + RB) C
The discharge time (output LOW) by:
t2 = 0.693 x RB x C
Thus the total period T is given by:
T = t1 + t2 = 0.693 (RA + 2RB) C
The frequency of oscillation is then:
The duty cycle is given by:
Figure 7.
Timing diagram
VCC
Reset
Out
3
4
8
7
5
1
TS555
R
C
2
6
R
A
B
Control
Voltage
0.01 F
μ
f =
1
T
--- =
1.44
(RA
2RB
)C
+
--------------------------------------
D =
RB
RA
2RB
+
---------------------------
Ω
Ω
μ
t = 0.5 ms / div
OUTPUT VOLTAGE = 5.0V/div
CAPACITOR VOLTAGE = 1.0V/div
L
R = R = 4.8 k , C = 0.1 F , R = 1.0k
AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com