Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW88N65M5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STW88N65M5
Description  N-channel 650 V, 0.024 廓 typ., 84 A, MDmesh??V Power MOSFET in TO-247 and TO-247 long leads packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW88N65M5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STW88N65M5 Datasheet HTML 2Page - STMicroelectronics STW88N65M5 Datasheet HTML 3Page - STMicroelectronics STW88N65M5 Datasheet HTML 4Page - STMicroelectronics STW88N65M5 Datasheet HTML 5Page - STMicroelectronics STW88N65M5 Datasheet HTML 6Page - STMicroelectronics STW88N65M5 Datasheet HTML 7Page - STMicroelectronics STW88N65M5 Datasheet HTML 8Page - STMicroelectronics STW88N65M5 Datasheet HTML 9Page - STMicroelectronics STW88N65M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STW88N65M5, STWA88N65M5
6/15
DocID022522 Rev 4
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on resistance
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM10392v1
ID
50
0
0
10
VDS(V)
20
(A)
5
15
25
100
8V
6V
7V
VGS=10V
150
200
250
AM10393v1
ID
75
50
25
0
3
5
VGS(V)
7
(A)
4
6
100
125
150
175
VDS=30V
8
9
200
225
AM10394v1
VGS
6
4
2
0
0
50
Qg(nC)
(V)
200
8
100
150
10
VDD=520V
ID=42A
12
300
200
100
0
400
500
VDS
VDS (V)
14
AM10395v1
RDS(on)
0.026
0.024
0.022
0.020
0
20
ID(A)
(
Ω)
10
30
VGS=10V
50
40
60
70
80
AM10396v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com