Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS320
Description  TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320_13 Datasheet HTML 13Page - Texas Instruments TMS320_13 Datasheet HTML 14Page - Texas Instruments TMS320_13 Datasheet HTML 15Page - Texas Instruments TMS320_13 Datasheet HTML 16Page - Texas Instruments TMS320_13 Datasheet HTML 17Page - Texas Instruments TMS320_13 Datasheet HTML 18Page - Texas Instruments TMS320_13 Datasheet HTML 19Page - Texas Instruments TMS320_13 Datasheet HTML 20Page - Texas Instruments TMS320_13 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
TMS320 SECOND GENERATION
DIGITAL SIGNAL PROCESSORS
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
17
TMS32020 PRODUCT NOTIFICATION
Texas Instruments has identified an unusual set of circumstances that will cause the BIT (Test Bit) instruction
on the TMS32020 to affect the contents of the accumulator; ideally, the BIT instruction should not affect the
accumulator. This set of conditions is:
1. The overflow mode is set (the OVM status register bit is set to one.)
2. And, the two LSBs of the BIT instruction opcode word are zero.
a. When direct memory addressing is used, every fourth data word is affected; all other locations are not
affected.
b. When indirect addressing is used, the two LSBs will be zero if a new ARP is not selected or if a new
ARP is selected and that ARP is 0 or 4.
3. And, adding the contents of the accumulator with the contents of the addressed data memory location,
shifted by 2 (bit code), causes an overflow of the accumulator.
If all of these conditions are met, the contents of the accumulator will be replaced by the positive or negative
saturation value, depending on the polarity of the overflow.
Various methods for avoiding this phenomenon are available:
If the TMS32020 is not in the saturation mode when the BIT instruction is executed, the device operates
properly and the accumulator is not affected.
Execute the Reset Overflow Mode (ROVM) instruction immediately prior to the BIT instruction and the Set
Overflow Mode (SOVM) instruction immediately following the BIT instruction.
If direct memory addressing is being used during the BIT instructions, reorganize memory so that the page
relative locations 0, 4, 8, C, 10 ...are not used.
If indirect addressing is being used during the Bit instruction, select a new ARP which is not AR0 or AR4.
If necessary, follow the instruction with a LARP AR0 or LARP AR4 to restore the code.
UsetheTestBitSpecifiedbyTRegister(BITT)instructioninsteadoftheBITinstruction.TheBITTinstruction
operates correctly and will not affect the accumulator under any circumstances.
Replace TMS32020 with TMS320C25 for ideal pin-to-pIn and object-code compatibility. The BIT instruction
on the TMS320C25 executes properly and will not affect the accumulator under any circumstances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com