Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS320
Description  TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320_13 Datasheet HTML 24Page - Texas Instruments TMS320_13 Datasheet HTML 25Page - Texas Instruments TMS320_13 Datasheet HTML 26Page - Texas Instruments TMS320_13 Datasheet HTML 27Page - Texas Instruments TMS320_13 Datasheet HTML 28Page - Texas Instruments TMS320_13 Datasheet HTML 29Page - Texas Instruments TMS320_13 Datasheet HTML 30Page - Texas Instruments TMS320_13 Datasheet HTML 31Page - Texas Instruments TMS320_13 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
TMS320 SECOND GENERATION
DIGITAL SIGNAL PROCESSORS
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
28
CLOCK CHARACTERISTICS AND TIMING
The TMS32025 can use either its internal oscillator or an external frequency source for a clock.
internal clock option
The internal oscillator is enabled by connecting a crystal across X1 and X2/CLKIN (see Figure 2). The frequency
of CLKOUT1
is one-fourth the crystal fundamental frequency. The crystal should be either fundamental
or overtone mode, and parallel resonant, with an effective series resistance of 30 , a power dissipation
of 1 mW, and be specified at a load capacitance of 20 pF. Note that overtone crystals require an additional tuned
LC circuit; see the application report, Hardware Interfacing to the TMS320C25 (SPRA014A).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fx
Input clock frequency
TA =0Cto70C
6.7
40.96
MHz
fxs
Serial port frequency
TA =0Cto70C
0†
5120
MHz
C1, C2
TA =0Cto70C
10
pF
† The serial port was tested at a minimum frequency of 1.25 MHz. However, the serial port was fully static but will properly function down
to fsx =0Hz.
X2/CLKIN
C2
C1
X1
Crystal
Figure 2. Internal Clock Option
external clock option
An external frequency source can be used by injecting the frequency directly into X2/CLKIN with X1 left
unconnected. The external frequency injected must conform to the specifications listed in the following table.
switching characteristics over recommended operating conditions (see Note 3)
PARAMETER
MIN
TYP
MAX
UNIT
tc(C)
CLKOUT1/CLKOUT2 cycle time
97.7
597
ns
td(CIH-C)
CLKIN high to CLKOUT1/CLKOUT2/STRB high/low
5
30
ns
tf(C)
CLKOUT1/CLKOUT2/STRB fall time
5
ns
tr(C)
CLKOUT1/CLKOUT2/STRB rise time
5
ns
tw(CL)
CLKOUT1/CLKOUT2 low pulse duration
2Q -- 8
2Q
2Q + 8
ns
tw(CH)
CLKOUT1/CLKOUT2 high pulse duration
2Q -- 8
2Q
2Q + 8
ns
td(C1-C2)
CLKOUT1hightoCLKOUT2 low, CLKOUT2hightoCLKOUT1 high, etc.
Q-- 5
Q
Q+ 5
ns
NOTE 3: Q = 1/4tc(C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com