Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB30EDGSR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB30EDGSR
Description  ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB30EDGSR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS3USB30EDGSR Datasheet HTML 5Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 6Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 7Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 8Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 9Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 10Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 11Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 12Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
VCC
GND
1D
VSEL
2D
D
50 W
50 W
VOUT1
VIN
Channel ON: 1D to D
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-W load)
DC Bias = 350 mV
Network Analyzer
Source
Signal
VCTRL = GND
S
GND
1D
2D
50 W
50 W
VOUT1
VIN
Channel ON: 1D to D
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-W load)
DC Bias = 350 mV
50 W
VCC
GND
VOUT2
Source
Signal
Channel OFF: 2D to D
Network Analyzer
VSEL
+
VSEL = VCC
S
1D
2D
D
VOUT1
VIN
Channel OFF: 1D to D
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-W load)
DC Bias = 350 mV
50 W
VCC
GND
50 W
50 W
Network Analyzer
Source
Signal
VSEL
+
VSEL = VCC
S
TS3USB30E
www.ti.com
SCDS255E – DECEMBER 2008 – REVISED AUGUST 2012
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 9. OFF Isolation (OISO)
Figure 10. Crosstalk (XTALK)
Figure 11. Bandwidth (BW)
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TS3USB30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com