Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB30EDGSR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB30EDGSR
Description  ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB30EDGSR Datasheet(HTML) 1 Page - Texas Instruments

  TS3USB30EDGSR Datasheet HTML 1Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 2Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 3Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 4Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 5Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 6Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 7Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 8Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
RSW PACKAGE
(TOP VIEW)
1
2
5
8
4
9
3
10
6
7
D–
GND
D+
OE
V
CC
S
RSW PACKAGE
(BOTTOM VIEW)
D+
1
2
3
10
4
9
5
8
6
7
GND
D–
S
V
CC
OE
TS3USB30E
www.ti.com
SCDS255E – DECEMBER 2008 – REVISED AUGUST 2012
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps)
1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
Check for Samples: TS3USB30E
1
FEATURES
VCC Operation at 3 V to 4.3 V
1.8-V Compatible Control-Pin Inputs
IOFF Supports Partial Power-Down-Mode
Operation
D+/D– Pins Tolerate up to 5.25V
rON = 10 Ω Max
ΔrON = 0.35 Ω Typ
Cio(ON) = 7.5 pF Typ
Low Power Consumption (1
μA Max)
–3 dB Bandwidth = 900 MHz Typ
Latch-Up Performance Exceeds
100 mA Per JESD 78, Class II (1)
ESD Performance Tested Per JESD 22
8000-V Human-Body Model (A114-B,
Class II)
1000-V Charged-Device Model (C101)
ESD Performance I/O Port to GND (2)
15000-V Human-Body Model
Packaged in 10-pin TQFN (1.4 mm × 1.8 mm)
APPLICATIONS
Routes Signals for USB 1.0, 1.1, and 2.0
DGS PACKAGE
(TOP VIEW)
(1)
Except OE and S inputs
(2)
High-voltage HBM is performed in addition to the standard
HBM testing (A114-B, Class II) and applies to I/O ports tested
with respect to GND only.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS3USB30EDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB30EDGSR TI2-TS3USB30EDGSR Datasheet
1Mb / 28P
TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
REVISED OCTOBER 2024
logo
TECH PUBLIC Electronics...
TS3USB30EDGSR-TP TECHPUBLIC-TS3USB30EDGSR-TP Datasheet
3Mb / 7P
Dual 2:1 USB2.0 Mux/De-Mux with DC 30V Over-Voltage Protection
logo
Texas Instruments
TS3USB30EDGSR.B TI2-TS3USB30EDGSR.B Datasheet
1Mb / 28P
TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
REVISED OCTOBER 2024
TS3USB30EDGSRG4 TI2-TS3USB30EDGSRG4 Datasheet
1Mb / 28P
TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
REVISED OCTOBER 2024
TS3USB30EDGSRG4.B TI2-TS3USB30EDGSRG4.B Datasheet
1Mb / 28P
TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
REVISED OCTOBER 2024
More results

Similar Description - TS3USB30EDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_10 Datasheet
843Kb / 17P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A-Q1 TI1-TS3USB221A-Q1 Datasheet
868Kb / 18P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E_15 Datasheet
1Mb / 26P
TS3USB30E ESD-Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
TS3USB221A TI-TS3USB221A_15 Datasheet
1Mb / 25P
TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com