Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC02ADB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC02ADB
Description  Quad 2-input NOR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC02ADB Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC02ADB Datasheet HTML 1Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 2Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 3Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 4Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74LVC02A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 16 November 2011
3 of 14
NXP Semiconductors
74LVC02A
Quad 2-input NOR gate
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
For SO14 packages: above 70
C derate linearly with 8 mW/K.
For (T)SSOP14 packages: above 60
C derate linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
C derate linearly with 4.5 mW/K.
Table 2.
Pin description
Symbol
Pin
Description
1Y to 4Y
1, 4, 10, 13
data output
1A to 4A
2, 5, 8, 11
data input
1B to 4B
3, 6, 9,12
data input
GND
7
ground (0 V)
VCC
14
supply voltage
Table 3.
Function table[1]
Input nA
Input nB
Output nY
LLH
XH
L
HX
L
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI < 0 V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
50
mA
VO
output voltage
output in HIGH or LOW-state
[2]
0.5
VCC + 0.5
V
IO
output current
VO = 0 V to VCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3] -
500
mW
Tstg
storage temperature
65
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com