Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC02ADB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC02ADB
Description  Quad 2-input NOR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC02ADB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC02ADB Datasheet HTML 2Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 3Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 4Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 9Page - NXP Semiconductors 74LVC02ADB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74LVC02A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 16 November 2011
6 of 14
NXP Semiconductors
74LVC02A
Quad 2-input NOR gate
11. AC waveforms
VM = 1.5 V at VCC  2.7 V.
VM =0.5  VCC at VCC <2.7 V.
VOL and VOH are typical output voltage levels that occur
with the output load.
Test data is given in Table 8.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe
capacitance.
RT = Termination resistance should be equal to output
impedance Zo of the pulse generator.
Fig 6.
The input (nA, nB) to output (nY) propagation
delays
Fig 7.
Load circuitry for measuring switching times
mna213
nA, nB input
nY output
tPHL
tPLH
VM
VM
VOL
VOH
GND
VI
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aaf615
VCC
VI
VO
DUT
CL
RT
RL
PULSE
GENERATOR
Table 8.
Test data
Supply voltage
Input
Load
VI
tr, tf
CL
RL
1.2 V
VCC
 2 ns
30 pF
1 k
1.65 V to 1.95 V
VCC
 2 ns
30 pF
1 k
2.3 V to 2.7 V
VCC
 2 ns
30 pF
500
2.7V
2.7V
 2.5 ns
50 pF
500
3.0Vto 3.6V
2.7V
 2.5 ns
50 pF
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com