Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX537INDFS Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # IMX537INDFS
Description  Enabling enhanced graphics and connectivity for industrial and medical devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX537INDFS Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  IMX537INDFS Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX537INDFS Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
i.MX Applications Processors
Overview
The i.MX53 family of processors represents
Freescale’s next generation of advanced
multimedia and power-efficient implementation
of the ARM® Cortex™-A8 core. With core
processing speeds up to 800 MHz, the
i.MX537 is optimized for both performance
and power to meet the demands of high-end,
advanced applications. An integrated display
controller, 1080p HD video decode and
720p video encode, enhanced graphics and
connectivity features make the i.MX537 ideal
for a wide range of applications that require
rich user interfaces with high color displays,
such as patient monitors and human-machine
interfaces (HMI).
Software Flexibility
Development on the i.MX537 is made easier
with Freescale board support packages
optimized for multimedia and low-power
operation. BSPs are available for the following
operating systems:
• Android™
• Windows® Embedded Compact 7
• Linux®
Industrial Needs
Liketherestofthei.MXportfolio,thei.MX537
processor provides key environmental
differentiators for the industrial market. These
include 3.3-volt I/O support, an 0.8 mm pitch
package to reduce PCB and manufacturing
costs, extended temperature coverage for
harsh environments, industrial qualification
Enabling enhanced graphics and connectivity for
industrial and medical devices
i.MX537 Applications Processor
i.MX
for extended reliability, a formal long product
supply guarantee to support product life
spans and a strong ecosystem, including
module manufacturers, software integrators
and development tools.
Target Applications
• HMIforappliances,buildingcontrol,
factory/home automation, printers and
security panels
• Patientmonitors
• Pointofsaleterminals
• Surveillancecameras
• Security
• Digitalsignage
• Telehealth
• Barcodescanners
Benefits
• Ultra-fastprocessingandhigh-performance
multimedia capabilities
• Completehardwareandsoftwarepackage
provided to enable faster time to market
and lower R&D investment
• Dedicatedvideoandgraphicshardware
acceleration engines provides best-in-class
performance for power
• Multi-standardHD1080pdecode
• HD720p-readyvideoconferencing
• Upto2GBexternalmemorysupport
prepares your end device for advanced
computing applications and future OSs
and browsers
• LP-DDR2,LV-DDR2,DDR2andDDR3
ready for greater design flexibility
• Optimizedforlow-poweroperationto
provide optimal performance for battery life
• Smartlyintegratedi.MX53offersmoreon
chip,includingLVDS,USBPHYs,Ethernet
and SATA, reducing the need for external
components and passing on significant
BOM cost savings
Features
CPU Complex
• 800MHzARMCortex-A8CPU
• 32KBinstructionanddatacaches
• Unified256KBL2cache
• NEONSIMDmediaaccelerator
• Vectorfloatingpointcoprocessor
Multimedia
• OpenGL®ES2.0andOpenVG™1.1
hardware accelerators
• Multi-formatHD1080pvideodecoderand
HD 720p video encoder hardware engine
• 24-bitprimarydisplaysupportupto
WSXGAresolution
• 18-bitsecondarydisplaysupport
• AnalogHD720pcomponentTVoutput
• High-qualityhardwarevideode-interlacing
• Imageandvideoresize,inversionand
rotation hardware
• Alphablendingandcolorspaceconversion
• Video/graphicscombining:fourplanesplus
hardware cursor
• Displayqualityenhancement:colorcorrection,
gamut mapping and gamma correction
External Memory Interface
• Upto2GBLP-DDR2,DDR2,LV-DDR2and
DDR3SDRAM,16/32-bit
• SLC/MLCNANDflash,8/16-bit
Advanced Power Management
• Multipleindependentpowerdomains
• Dynamicvoltageandfrequencyscaling
Connectivity
• High-SpeedUSB2.0OTGwithPHY
• High-SpeedUSB2.0HostwithPHY
• TwoadditionalHigh-SpeedUSBcontrollers
• IntegratedLVDSdisplayinterface
• Widearrayofserialinterfaces,including
SDIO, SPI, I2CandUART


Similar Part No. - IMX537INDFS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX53AEC FREESCALE-IMX53AEC Datasheet
2Mb / 178P
Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX53AEC NXP-IMX53AEC Datasheet
1Mb / 184P
i.MX53xA Automotive and Infotainment Applications Processors
Rev. 8, 02/2021
logo
Freescale Semiconductor...
IMX53ATFS FREESCALE-IMX53ATFS Datasheet
416Kb / 2P
i.MX53 Applications Processor Automotive portfolio: i.MX534 and i.MX536
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
More results

Similar Description - IMX537INDFS

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMJ212CB7225KG8T TAIYO-YUDEN-EMJ212CB7225KG8T Datasheet
404Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
EMJ316BB7106KL8T TAIYO-YUDEN-EMJ316BB7106KL8T Datasheet
404Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
EMJ316BB7475KL8T TAIYO-YUDEN-EMJ316BB7475KL8T Datasheet
403Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
GMJ107BB7224KA8T TAIYO-YUDEN-GMJ107BB7224KA8T Datasheet
405Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
GMJ107BB7473KA8T TAIYO-YUDEN-GMJ107BB7473KA8T Datasheet
401Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
GMJ107BB7474MA8T TAIYO-YUDEN-GMJ107BB7474MA8T Datasheet
405Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
QMJ325B7473MN8T TAIYO-YUDEN-QMJ325B7473MN8T Datasheet
403Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
TMJ107CB7105KA8R TAIYO-YUDEN-TMJ107CB7105KA8R Datasheet
405Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
TMJ316BB7474ML8T TAIYO-YUDEN-TMJ316BB7474ML8T Datasheet
403Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
TMJ325AB7475KM8P TAIYO-YUDEN-TMJ325AB7475KM8P Datasheet
404Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com