Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX537INDFS Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # IMX537INDFS
Description  Enabling enhanced graphics and connectivity for industrial and medical devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX537INDFS Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  IMX537INDFS Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX537INDFS Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• I2S and S/PDIF audio interfaces
• 10/100Ethernetcontrollerwithhardware
capability to support IEEE® 1588
time stamping
• PATA
• SATAcontrollerandPHYupto1.5Gbps
• CAN
Security
• Securitycontroller,includingsecureRAM
and security monitor
• Highassuranceboot,JTAGcontroller
and real-time clock
• Cipherandrandomnumber
generator accelerators
• Run-timeintegritychecker
• Universaluniqueidentification
• Tamperdetection
General
• 19x19mm,0.8mmpitch
TEPBGA-2package
• Industrialtemperaturegradeoffered
Multimedia Powerhouse
The multimedia performance of the i.MX53
processor is boosted by a multi-standard
hardware video codec, autonomous
imageprocessingHDunit,NEONSIMD,
accelerometer,VectorFloatingPoint
coprocessor and a programmable Smart DMA
(SDMA) controller. Powerful 3-D graphics
acceleration is the key to mobile game designs.
The i.MX537 processor provides an integrated
3-D graphics processing unit that provides an
incredible 33 Mtri/sec and effective 800 Mpix/
sec (with overdraw). The 3-D unit is provides
an exceptional user experience with hardware-
accelerated Flash Player 10.x, gaming and
advanced user interfaces. In addition, i.MX537
incorporates a 2-D graphics processing unit to
accelerate the windowing system and fonts.
Smart Speed™ Technology
Advanced power management features
throughout the i.MX53 processor enable a rich
suite of multimedia features and peripherals
while maintaining minimum system power
consumption in active and low-power modes.
Get Started Today
Thei.MX53QuickStartboardisa$149open
source development platform that supports the
features of the i.MX53 applications processor
andincludessupportforaVGAdisplayaswell
asoptionaladd-onboardstosupportLVDS,
LCDandHDMIdisplays.Formoreinformation,
visit freescale.com/iMXQuickStart.
Freescale, the Freescale logo and the Energy Efficient Solutions logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S.
Pat. & Tm. Off. ARM is the registered trademark of ARM Limited. ARM Cortex-A8 is the trademark of ARM Limited. All other
product or service names are the property of their respective owners. © 2011 Freescale Semiconductor, Inc.
Document Number: IMX537INDFS REV1
For current information about Freescale products and documentation,
please visit freescale.com/iMX53
Join fellow i.MX developers at imxcommunity.org
Part Number
Description
MSRP (USD)
MCIMX53-START
i.MX53 Quick Start development board
$149
MCIMXHDMICARD
Optional HDMI board
$49
MCIMX-LVDS1
10.1"1024x768LVDSpanelwithcapacitivetouchscreen
$499
MCIMX28LCD
Optional4.3”WVGATFTLCD
$199
MCIMX53SMD
SABRE for tablet
$1499
Ordering Information
i.MX53 Block Diagram
i.MX537 Block Diagram
Clock Reset
Smart DMA
Temp
Monitor
System
Buses
GPT
PWM x 2
Watchdog
x 2
EPIT x 2
LDO Supply
x 2
PLL x 4
32 kHz Osc
eFuses
Sahara v4
TrustZone
RTIC
SCC v2
SRTC
Secure JTAG
ESAI
SSI/I2S x 3
SPDIF Tx/Rx
ASRC
ARM® Cortex™-A8
Cache
Neon
ETM
VFP
ROM
RAM
Fast IrDA
CSPI
I2C x 3
UART x 5
Keypad
GPIO
HS USB OTG + PHY
HS Host + PHY
HS ULPI Host x 2
Ethernet + IEEE® 1588
CAN x2/MLB 50
Camera Interface
2 GB DDR2/DDR3/LV-DDR2/LP-DDR2
Analog VGA Out
LVDS
Parallel (from IPU)
SLC/MLC NAND
NOR
PATA
SATA
eMMC/SD
System Control
Core/Internal Memory
Standard Connectivity
Timers
Advanced Connectivity
Power Mgmt. and Analog
Multimedia
VPU
IPU
External Memory I/F
Security
External Storage I/F
System Debug
Audio
Display I/F
TV Out
Video Encode/
Decode
GPU
OpenVG 1.1
OpenGL ES 2.0
Resizing and
Blending
Inversion and
Rotation
De-Interlacing/
Combining
Image
Enhancement
Camera
Interface
The Smart Application Blueprint for Rapid
Engineering (SABRE) platform for tablets based
on the i.MX53 is the latest in a series of high-
performance, market-focused reference designs
engineered to introduce designers to advanced
multimedia and connectivity applications on the
i.MX53 applications processor. Designed with
a tablet look and feel, the SABRE platform can
be targeted toward any ultra low-power mobile
device to enable an amazing user experience.
For more information, visit
freescale.com/iMXSABRE.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com