Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP102N15T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP102N15T
Description  Trench Gate Power MOSFET N-Channel Enhancement Mode Avalanche Rated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP102N15T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP102N15T Datasheet HTML 1Page - IXYS Corporation IXTP102N15T Datasheet HTML 2Page - IXYS Corporation IXTP102N15T Datasheet HTML 3Page - IXYS Corporation IXTP102N15T Datasheet HTML 4Page - IXYS Corporation IXTP102N15T Datasheet HTML 5Page - IXYS Corporation IXTP102N15T Datasheet HTML 6Page - IXYS Corporation IXTP102N15T Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2008 IXYS CORPORATION, All rights reserved
G = Gate
D
= Drain
S = Source
TAB = Drain
Trench Gate
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
V
DSS
= 150V
I
D25
= 102A
R
DS(on) ≤
≤≤≤≤ 18m
Ω
Ω
Ω
Ω
Ω
DS99661B(10/08)
IXTA102N15T
IXTH102N15T
IXTP102N15T
IXTQ102N15T
TO-263 (I
XTA)
TO-220 (I
XTP)
D
(TAB)
G
S
TO-3P (IXTQ)
G
D
S
TO-247 (IXTH)
G
S
(TAB)
G
D
S
(TAB)
(TAB)
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
150
V
V
DGR
T
J
= 25
°C to 175°C R
GS = 1MΩ
150
V
V
GSS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
102
A
I
LRMS
Lead Current Limit, RMS
75
A
I
DM
T
C = 25°C, pulse width limited by TJM
300
A
I
A
T
C = 25°C51
A
E
AS
T
C = 25°C
750
mJ
dV/dt
I
S ≤ IDM, VDD ≤ VDSS ,TJ ≤ 175°C
10
V/ns
P
D
T
C = 25°C
455
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10 seconds
260
°C
M
d
Mounting Torque
(TO-220, TO-3P, TO-247)
1.13 / 10
Nmlb.in.
F
C
Mounting Force
(TO-263)
10..65/2.2..14.6
N/lb.
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-3P
5.5
g
TO-247
6.0
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
150
V
V
GS(th)
V
DS = VGS, ID = 1mA
3.0
5.0
V
I
GSS
V
GS = ± 20V, VDS = 0V
± 200 nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0V
T
J = 150°C
250
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
18 m
Ω
Features
International standard packages
Avalanche rated
Advantages
Easy to mount
Space savings
High power density
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
AC motor drives
Uninterruptible power supplies
High speed power switching
applications


Similar Part No. - IXTP102N15T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP102N15T ISC-IXTP102N15T Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTP102N15T IXYS-IXTP102N15T Datasheet
240Kb / 8P
Trench Gate Power MOSFETs
04/09
More results

Similar Description - IXTP102N15T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA8N50P IXYS-IXTA8N50P Datasheet
228Kb / 5P
PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA16N50P IXYS-IXTA16N50P Datasheet
148Kb / 4P
PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTQ18N60P IXYS-IXTQ18N60P Datasheet
176Kb / 5P
PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA130N10T IXYS-IXTA130N10T Datasheet
154Kb / 5P
TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTH200N10T IXYS-IXTH200N10T Datasheet
175Kb / 5P
TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA86N20T IXYS-IXTA86N20T Datasheet
191Kb / 6P
Trench Gate Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTH130N10T IXYS-IXTH130N10T Datasheet
145Kb / 5P
TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA32N20T IXYS-IXTA32N20T Datasheet
211Kb / 6P
TrenchTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA4N80P IXYS-IXTA4N80P Datasheet
178Kb / 4P
PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com