Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF8NM50N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF8NM50N
Description  N-channel 500 V, 0.73 Ohm typ., 5 A MDmesh II Power MOSFET in DPAK, TO-220 and IPAK packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF8NM50N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF8NM50N Datasheet HTML 3Page - STMicroelectronics STF8NM50N Datasheet HTML 4Page - STMicroelectronics STF8NM50N Datasheet HTML 5Page - STMicroelectronics STF8NM50N Datasheet HTML 6Page - STMicroelectronics STF8NM50N Datasheet HTML 7Page - STMicroelectronics STF8NM50N Datasheet HTML 8Page - STMicroelectronics STF8NM50N Datasheet HTML 9Page - STMicroelectronics STF8NM50N Datasheet HTML 10Page - STMicroelectronics STF8NM50N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STD8NM50N, STP8NM50N, STU8NM50N
Electrical characteristics
Doc ID 17413 Rev 6
7/19
Figure 8.
Static drain-source on resistance
Figure 9.
Gate charge vs gate-source voltage
Figure 10.
Capacitance variations
Figure 11. Output capacitance stored energy
Figure 12. Normalized gate threshold voltage
vs temperature
Figure 13. Normalized on resistance vs
temperature
RDS(on)
0.72
0.71
0.7
0.69
0
2
ID(A)
(
Ω)
1
3
0.73
0.74
0.75
VGS=10V
45
0.76
0.77
AM07919v1
6
4
2
0
0
5
Qg(nC)
8
10
15
10
VDD=400 V
ID=5 A
12
150
100
50
0
200
250
VDS
300
350
400
VGS
(V)
AM03195v1
C
1000
100
10
1
0
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM07921v1
E
2
1
0
0
200
VDS(V)
(
μJ)
100
300
400
500
AM07922v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
ID = 250 µA
AM07923v1
RDS(on)
1.7
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
2.1
ID = 2.5 A
AM07924v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com