Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF8NM50N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF8NM50N
Description  N-channel 500 V, 0.73 Ohm typ., 5 A MDmesh II Power MOSFET in DPAK, TO-220 and IPAK packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF8NM50N Datasheet(HTML) 1 Page - STMicroelectronics

  STF8NM50N Datasheet HTML 1Page - STMicroelectronics STF8NM50N Datasheet HTML 2Page - STMicroelectronics STF8NM50N Datasheet HTML 3Page - STMicroelectronics STF8NM50N Datasheet HTML 4Page - STMicroelectronics STF8NM50N Datasheet HTML 5Page - STMicroelectronics STF8NM50N Datasheet HTML 6Page - STMicroelectronics STF8NM50N Datasheet HTML 7Page - STMicroelectronics STF8NM50N Datasheet HTML 8Page - STMicroelectronics STF8NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
September 2012
Doc ID 17413 Rev 6
1/19
19
STD8NM50N, STP8NM50N, STU8NM50N
N-channel 500 V, 0.73
Ω typ., 5 A MDmesh™II Power MOSFET
in DPAK, TO-220 and IPAK packages
Datasheet — production data
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Applications
■ Switching applications
Description
These devices are N-channel Power MOSFETs
developed using the second generation of
MDmesh™ technology. This revolutionary Power
MOSFET associates a vertical structure to the
company’s strip layout to yield one of the world’s
lowest on-resistance and gate charge. It is
therefore suitable for the most demanding high
efficiency converters.
Figure 1.
Internal schematic diagram
Order codes
VDSS@TJMAX RDS(on)max.
ID
STD8NM50N
STP8NM50N
STU8NM50N
550 V
< 0.79
Ω
5 A
DPAK
1
3
TAB
1
2
3
TAB
TO-220
IPAK
3
2
1
TAB
Table 1.
Device summary
Order codes
Marking
Packages
Packaging
STD8NM50N
8NM50N
DPAK
Tape and reel
STP8NM50N
TO-220
Tube
STU8NM50N
IPAK
www.st.com


Similar Part No. - STF8NM50N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF8NM50N ISC-STF8NM50N Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF8NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NM60N STMICROELECTRONICS-STP13NM60N Datasheet
989Kb / 21P
N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
14-Nov-2012
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
07-Feb-2013
STD8NM50N STMICROELECTRONICS-STD8NM50N Datasheet
1Mb / 19P
N-channel 500 V, 0.73 廓 typ., 5 A MDmesh?줚I Power MOSFET in DPAK, TO-220 and IPAK packages
13-Sep-2012
STB14NM50N STMICROELECTRONICS-STB14NM50N Datasheet
1Mb / 26P
N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
07-Feb-2013
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.43 Ω typ., 9 A MDmesh™ V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STD9NM40N STMICROELECTRONICS-STD9NM40N Datasheet
1Mb / 18P
N-channel 400 V, 0.73 Ω typ., 5.6 A MDmesh™II Power MOSFET in DPAK and TO-220 packages
14-Dec-2012
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
03-Dec-2012
STD2N105K5 STMICROELECTRONICS-STD2N105K5 Datasheet
1Mb / 21P
N-channel 1050 V, 6 Ω typ., 1.5 A MDmesh™K5 Power MOSFETs in DPAK, TO-220 and IPAK packages
14-Nov-2014
STD4N80K5 STMICROELECTRONICS-STD4N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 2.1 ??typ., 3 A MDmesh™K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
04-Feb-2015
STP7N65M2 STMICROELECTRONICS-STP7N65M2 Datasheet
881Kb / 18P
N-channel 650 V, 0.98 Ω typ., 5 A MDmesh™M2 Power MOSFETs in TO-220 and IPAK packages
28-May-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com