Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP8NM50N Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP8NM50N
Description  N-channel 500 V, 0.73 Ohm typ., 5 A MDmesh II Power MOSFET in DPAK, TO-220 and IPAK packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8NM50N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP8NM50N Datasheet HTML 2Page - STMicroelectronics STP8NM50N Datasheet HTML 3Page - STMicroelectronics STP8NM50N Datasheet HTML 4Page - STMicroelectronics STP8NM50N Datasheet HTML 5Page - STMicroelectronics STP8NM50N Datasheet HTML 6Page - STMicroelectronics STP8NM50N Datasheet HTML 7Page - STMicroelectronics STP8NM50N Datasheet HTML 8Page - STMicroelectronics STP8NM50N Datasheet HTML 9Page - STMicroelectronics STP8NM50N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
STD8NM50N, STP8NM50N, STU8NM50N
6/19
Doc ID 17413 Rev 6
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for DPAK and
IPAK
Figure 3.
Thermal impedance for DPAK and
IPAK
Figure 4.
Safe operating area for TO-220
Figure 5.
Thermal impedancefor TO-220
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single
pulse
AM07915v1
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single
pulse
AM07916v1
5V
6V
7V
VGS=10V
ID
6
4
2
0
0
10
VDS(V)
20
(A)
30
8
10
AM07917v1
ID
6
4
2
0
0
4
VGS(V)
8
(A)
2
6
8
10
VDS= 20 V
AM07918v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com