Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP8NM50N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP8NM50N
Description  N-channel 500 V, 0.73 Ohm typ., 5 A MDmesh II Power MOSFET in DPAK, TO-220 and IPAK packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8NM50N Datasheet(HTML) 5 Page - STMicroelectronics

  STP8NM50N Datasheet HTML 1Page - STMicroelectronics STP8NM50N Datasheet HTML 2Page - STMicroelectronics STP8NM50N Datasheet HTML 3Page - STMicroelectronics STP8NM50N Datasheet HTML 4Page - STMicroelectronics STP8NM50N Datasheet HTML 5Page - STMicroelectronics STP8NM50N Datasheet HTML 6Page - STMicroelectronics STP8NM50N Datasheet HTML 7Page - STMicroelectronics STP8NM50N Datasheet HTML 8Page - STMicroelectronics STP8NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STD8NM50N, STP8NM50N, STU8NM50N
Electrical characteristics
Doc ID 17413 Rev 6
5/19
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 250 V, ID = 5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15)
-
7
4.4
25
8.8
-
ns
ns
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current (pulsed)
-
5
20
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 5 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 5 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 20)
-
187
1.3
14
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 5 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 20)
-
224
1.5
13
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com