Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSX564AIPT Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSX564AIPT
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX564AIPT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSX564AIPT Datasheet HTML 11Page - STMicroelectronics TSX564AIPT Datasheet HTML 12Page - STMicroelectronics TSX564AIPT Datasheet HTML 13Page - STMicroelectronics TSX564AIPT Datasheet HTML 14Page - STMicroelectronics TSX564AIPT Datasheet HTML 15Page - STMicroelectronics TSX564AIPT Datasheet HTML 16Page - STMicroelectronics TSX564AIPT Datasheet HTML 17Page - STMicroelectronics TSX564AIPT Datasheet HTML 18Page - STMicroelectronics TSX564AIPT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
DocID023274 Rev 3
15/27
TSX56x, TSX56xA
Application information
4
Application information
4.1
Operating voltages
The amplifiers of the TSX56x and TSX56xA series can operate from 3 V to 16 V. Their
parameters are fully specified at 3.3 V, 5 V and 16 V power supplies. However, the
parameters are very stable in the full VCC range. Additionally, the main specifications are
guaranteed in extended temperature ranges from -40 to +125 ° C.
4.2
Rail-to-rail input
The TSX56x and TSX56xA devices are built with two complementary PMOS and NMOS
input differential pairs. The devices have a rail-to-rail input, and the input common mode
range is extended from VCC- - 0.1 V to VCC+ + 0.1 V.
However, the performance of these devices is clearly optimized for the PMOS differential
pairs (which means from VCC- - 0.1 V to VCC+ - 1.5 V).
Beyond VCC+ - 1.5 V, the operational amplifiers are still functional but with degraded
performance, as can be observed in the electrical characteristics section of this datasheet
(mainly Vio and GBP). These performances are suitable for a number of applications
needing to be rail-to-rail.
The devices are designed to prevent phase reversal.
4.3
Input offset voltage drift over temperature
The maximum input voltage drift over the temperature variation is defined as the offset
variation related to the offset value measured at 25 °C. The operational amplifier is one of
the main circuits of the signal conditioning chain, and the amplifier input offset is a major
contributor to the chain accuracy. The signal chain accuracy at 25 °C can be compensated
during production at application level. The maximum input voltage drift over temperature
enables the system designer to anticipate the effects of temperature variations.
The maximum input voltage drift over temperature is computed in Equation 1.
Equation 1
with T = -40 °C and 125 °C.
The datasheet maximum value is guaranteed by measurement on a representative sample
size ensuring a Cpk (process capability index) greater than 2.
ΔVio
ΔT
------------
max
Vio T
() Vio 25° C
()
–
T25
° C
–
---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com