Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSX564AIPT Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSX564AIPT
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX564AIPT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSX564AIPT Datasheet HTML 13Page - STMicroelectronics TSX564AIPT Datasheet HTML 14Page - STMicroelectronics TSX564AIPT Datasheet HTML 15Page - STMicroelectronics TSX564AIPT Datasheet HTML 16Page - STMicroelectronics TSX564AIPT Datasheet HTML 17Page - STMicroelectronics TSX564AIPT Datasheet HTML 18Page - STMicroelectronics TSX564AIPT Datasheet HTML 19Page - STMicroelectronics TSX564AIPT Datasheet HTML 20Page - STMicroelectronics TSX564AIPT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
DocID023274 Rev 3
17/27
TSX56x, TSX56xA
Application information
Equation 5
To evaluate the op-amp reliability, a follower stress condition is used where VCC is defined
as a function of the maximum operating voltage and the absolute maximum rating (as
recommended by JEDEC rules).
The Vio drift (in µV) of the product after 1000 h of stress is tracked with parameters at
different measurement conditions (see Equation 6).
Equation 6
The long term drift parameter (ΔVio), estimating the reliability performance of the product, is
obtained using the ratio of the Vio (input offset voltage value) drift over the square root of the
calculated number of months (Equation 7).
Equation 7
where Vio drift is the measured drift value in the specified test conditions after 1000 h stress
duration.
4.5
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.
4.6
Macromodel
Accurate macromodels of the TSX56x, TSX56xA devices are available on the
STMicroelectronics’ website at www.st.com. These models are a trade-off between
accuracy and complexity (that is, time simulation) of the TSX56x and TSX56xA operational
amplifiers. They emulate the nominal performance of a typical device within the specified
operating conditions mentioned in the datasheet. They also help to validate a design
approach and to select the right operational amplifier, but they do not replace on-board
measurements.
Months
AF 1000 h
×
12 months
24 h
365.25 days
×
()
⁄
×
=
VCC
maxVop with Vicm
VCC 2
⁄
==
ΔVio
Viodrift
months
()
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com