Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS922IPT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS922IPT
Description  Rail-to-rail, high output current dual operational amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922IPT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS922IPT Datasheet HTML 6Page - STMicroelectronics TS922IPT Datasheet HTML 7Page - STMicroelectronics TS922IPT Datasheet HTML 8Page - STMicroelectronics TS922IPT Datasheet HTML 9Page - STMicroelectronics TS922IPT Datasheet HTML 10Page - STMicroelectronics TS922IPT Datasheet HTML 11Page - STMicroelectronics TS922IPT Datasheet HTML 12Page - STMicroelectronics TS922IPT Datasheet HTML 13Page - STMicroelectronics TS922IPT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Electrical characteristics
TS922, TS922A
10/24
DocID5150 Rev 11
Figure 3. Output short-circuit current vs.
output voltage
Figure 4. Total supply current vs.
supply voltage
Figure 5. Voltage gain and phase vs.
frequency
Figure 6. Equivalent input noise voltage vs.
frequency
1E+02
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
-20
0
20
40
60
-60
0
60
120
180
Frequency (Hz)
Gain
Phase
Cl = 100 pF
0.01
0.1
1
10
100
Frequency (kHz)
0
5
10
15
20
25
30
VCC = ±1.5 V
RL = 100 Ω
Figure 7. THD + noise vs. frequency
(RL = 2 kΩ, Vo = 10 Vpp, VCC = ± 6 V)
Figure 8. THD + noise vs. frequency
(RL = 32 Ω, Vo = 4 Vpp, VCC = ± 2.5 V)
0.01
0.1
1
10
100
Frequency (kHz)
0
0.005
0.01
0.015
0.02
RL= 2 kΩ, Vo = 10 Vpp
VCC = ±6 V, Av = 1
0.01
0.1
1
10
100
Frequency (kHz)
0
0.008
0.016
0.024
0.032
0.04
RL = 32 Ω, Vo = 4 Vpp
VCC = ±2.5 V, Av = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com