Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS922IPT Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS922IPT
Description  Rail-to-rail, high output current dual operational amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922IPT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS922IPT Datasheet HTML 12Page - STMicroelectronics TS922IPT Datasheet HTML 13Page - STMicroelectronics TS922IPT Datasheet HTML 14Page - STMicroelectronics TS922IPT Datasheet HTML 15Page - STMicroelectronics TS922IPT Datasheet HTML 16Page - STMicroelectronics TS922IPT Datasheet HTML 17Page - STMicroelectronics TS922IPT Datasheet HTML 18Page - STMicroelectronics TS922IPT Datasheet HTML 19Page - STMicroelectronics TS922IPT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Package information
TS922, TS922A
16/24
DocID5150 Rev 11
5.1
8-bump Flip-chip package information
Figure 14. 8-bump Flip-chip package dimensions (top view)
1. Die size: 1600
μm x 1600 μm ±30 μm
Die height: 350 µm ±20 µm
Die height (including bumps): 650 µm
Bump diameter: 315 µm ±50 µm
Bump height: 250 µm ±40 µm
Pitch: 500 µm ±10 µm
Backcoating
Figure 15. 8-bump Flip-chip footprint recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com