Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2002A Datasheet(PDF) 9 Page - STMicroelectronics

Part # ULN2002A
Description  Seven Darlington array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2002A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ULN2002A Datasheet HTML 5Page - STMicroelectronics ULN2002A Datasheet HTML 6Page - STMicroelectronics ULN2002A Datasheet HTML 7Page - STMicroelectronics ULN2002A Datasheet HTML 8Page - STMicroelectronics ULN2002A Datasheet HTML 9Page - STMicroelectronics ULN2002A Datasheet HTML 10Page - STMicroelectronics ULN2002A Datasheet HTML 11Page - STMicroelectronics ULN2002A Datasheet HTML 12Page - STMicroelectronics ULN2002A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ULN2001, ULN2002, ULN2003, ULN2004
Typical performance characteristics
Doc ID 5279 Rev 8
9/16
6
Typical performance characteristics
Figure 11.
Collector current vs. saturation
voltage (TJ = 25°C)
Figure 12.
Collector current vs. saturation
voltage
Figure 13.
Input current vs. input voltage
Figure 14.
Input current vs. input voltage
(Ta = 25°C)
Figure 15.
Collector current vs. input current
Figure 16.
hFE vs. output current
85°C
25°C
-30°C
VCESAT [V]
IIN = 500 µA
ULN2003A
Typ
Max
Min
ULN2003A
Ta = 25
°C
Iout=100 mA
Io ut=200mA
Iout=300mA
IIN [
μA]
-30°C
85°C
25 °C
VCE = 2 V
1
10
100
1000
10000
1
10
100
1000
Output current IOUT [mA]
85 °C
-40 °C
25 °C
V
CE = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com