Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2002A Datasheet(PDF) 15 Page - STMicroelectronics

Part # ULN2002A
Description  Seven Darlington array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2002A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ULN2002A Datasheet HTML 8Page - STMicroelectronics ULN2002A Datasheet HTML 9Page - STMicroelectronics ULN2002A Datasheet HTML 10Page - STMicroelectronics ULN2002A Datasheet HTML 11Page - STMicroelectronics ULN2002A Datasheet HTML 12Page - STMicroelectronics ULN2002A Datasheet HTML 13Page - STMicroelectronics ULN2002A Datasheet HTML 14Page - STMicroelectronics ULN2002A Datasheet HTML 15Page - STMicroelectronics ULN2002A Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ULN2001, ULN2002, ULN2003, ULN2004
Revision history
Doc ID 5279 Rev 8
15/16
9
Revision history
Table 8.
Revision history
Date
Revision
Changes
05-Dec-2006
5
Order code updated and document reformatted.
28-Aug-2007
6
Added
Table 1 in cover page.
07-May-2012
7
Modified:
Figure 12 on page 9.
Added:
Figure 13, 14, 15 and Figure 16 on page 9.
01-Jun-2012
8
Updated: DIP-16L package mechanical data
Table 5 on page 11 and
Figure 19 on page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com