Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68331CFV16 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MC68331CFV16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331CFV16 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MC68331CFV16 Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
MC68331TS/D
79
CPR[2:0] — Timer Prescaler/PCLK Select Field
This field selects one of seven prescaler taps or PCLK to be TCNT input.
These registers show condition flags that correspond to various GPT events. If the corresponding inter-
rupt enable bit in TMSK1/TMSK2 is set, an interrupt occurs.
I4/O5F — Input Capture 4/Output Compare 5 Flag
When I4/O5 in PACTL is zero, this flag is set each time TCNT matches the value in TOC5. When I4/O5
in PACTL is one, the flag is set each time a selected edge is detected at the I4/O5 pin.
OCF[4:1] — Output Compare Flags
An output compare flag is set each time TCNT matches the corresponding TOC register. OCF[4:1] cor-
respond to OC[4:1].
ICF[3:1] — Input Capture Flags
A flag is set each time a selected edge is detected at the corresponding input capture pin. ICF[3:1] cor-
respond to IC[3:1].
TOF — Timer Overflow Flag
This flag is set each time TCNT advances from a value of $FFFF to $0000.
PAOVF — Pulse Accumulator Overflow Flag
This flag is set each time the pulse accumulator counter advances from a value of $FF to $00.
PAIF — Pulse Accumulator Flag
In event counting mode, this flag is set when an active edge is detected on the PAI pin. In gated time
accumulation mode, PAIF is set at the end of the timed period.
CFORC/PWMC — Compare Force Register/PWM Control Register C
$YFF924
Setting a bit in CFORC causes a specific output on OC or PWM pins. PWMC sets PWM operating con-
ditions.
CPR[2:0]
System Clock
Divide-By Factor
000
4
001
8
010
16
011
32
100
64
101
128
110
256
111
PCLK
TFLG1/TFLG2 — Timer Interrupt Flag Registers 1–2
$YFF922
15
14
11
10
8
7
6
5
4
3
2
1
0
I4/O5F
OCF
ICF
TOF
0
PAOVF
PAIF
0
0
0
0
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
15
11
10
9
8
7
6
4
3
2
1
0
FOC
0
FPWMA
FPWMB
PPROUT
PPR
SFA
SFB
F1A
F1B
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com