Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68331CFV16 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC68331CFV16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331CFV16 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC68331CFV16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
10
MC68331TS/D
NOTES:
1. DATA[15:0] are synchronized during reset only. MODCLK is synchronized only when used as an input port
pin.
2. EXTAL, XFC, and XTAL are clock reference connections.
3. PAI and PCLK can be used for discrete input, but are not part of an I/O port.
2.2 MCU Power Connections
2.3 MCU Driver Types
2.4 Signal Characteristics
RXD
—
N
N
—
—
SCK
Bo
Y
Y
I/O
PQS2
SIZ[1:0]
B
Y
N
I/O
PE[7:6]
TSC
—
Y
Y
—
—
TXD
Bo
Y
Y
I/O
PQS7
XFC2
—
—
—
Special
—
XTAL2
—
—
—
Special
—
Table 3 MCU Power Connections
VDDSYN
Clock Synthesizer Power
VSSE/VDDE
External Periphery Power (Source and Drain)
VSSI/VDDI
Internal Module Power (Source and Drain)
Table 4 MCU Driver Types
Type
I/O
Description
A
O
Output-only signals that are always driven; no external pull-up required
Aw
O
Type A output with weak P-channel pull-up during reset
B
O
Three-state output that includes circuitry to pull up output before high impedance is es-
tablished, to ensure rapid rise time. An external holding resistor is required to
maintain logic level while the pin is in the high-impedance state.
Bo
O
Type B output that can be operated in an open-drain mode
Table 5 MCU Signal Characteristics
Signal Name
MCU Module
Signal Type
Active State
ADDR[23:0]
SIM
Bus
—
AS
SIM
Output
0
AVEC
SIM
Input
0
BERR
SIM
Input
0
BG
SIM
Output
0
BGACK
SIM
Input
0
BKPT
CPU32
Input
0
BR
SIM
Input
0
CLKOUT
SIM
Output
—
CS[10:0]
SIM
Output
0
CSBOOT
SIM
Output
0
DATA[15:0]
SIM
Bus
—
DS
SIM
Output
0
Table 2 MCU Pin Characteristics (Continued)
Pin
Mnemonic
Output
Driver
Input
Synchronized
Input
Hysteresis
Discrete
I/O
Port
Designation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com