Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9857AST Datasheet(PDF) 37 Page - Analog Devices

Part # AD9857AST
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857AST Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9857AST Datasheet HTML 32Page - Analog Devices AD9857AST Datasheet HTML 33Page - Analog Devices AD9857AST Datasheet HTML 34Page - Analog Devices AD9857AST Datasheet HTML 35Page - Analog Devices AD9857AST Datasheet HTML 36Page - Analog Devices AD9857AST Datasheet HTML 37Page - Analog Devices AD9857AST Datasheet HTML 38Page - Analog Devices AD9857AST Datasheet HTML 39Page - Analog Devices AD9857AST Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
AD9857
Rev. C| Page 37 of 40
1
2
3
4
5
6
7
8
9
10
OUT_EN
D0
D1
D2
D3
D4
D5
D6
D7
GND
VCC
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CLOCK
20
19
18
17
16
15
14
13
12
11
U7
74HC574
DIFF_CLKEN
AGND
AVDD
NC
AGND
PLL_FILTER
AVDD
AGND
NC
NC
DAC_RSET
DAC_BP
AVDD
AGND
IOUT
IOUT
AGND
AVDD
AGND
NC
1
2
3
4
5
6
7
8
9
10
OUT_EN
D0
D1
D2
D3
D4
D5
D6
D7
GND
20
19
18
17
16
15
14
13
12
11
VCC
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CLOCK
U1
74HC574
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
U2
SN74HC14
1
2
3
4
5
6
7
U3
74HC125
EN1
D1
Q1
EN2
D2
Q2
GND
VCC
EN4
D4
Q4
EN3
D3
Q3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RBE
RBE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
GND
W12
CIC TEST POINT
J8
GND
AVDD
C20
0.01
µF
C19
0.01
µF
R4
1.3k
Ω
W6
GND
VCC
DPD
GND
DVDD
VCC
GND
GND
VCC
W1
VCC
GND
VCC
W13
AD9857
U5
P1
PARALLEL PORT
GND
14
13
12
11
10
9
8
DVDD
DVDD
R5
3.9k
Ω
R6
3.9k
Ω
W4
GND
GND
AVDD
DVDD
GND
SDIO
SDIO
SYNCIO
PS1
PSO
CS
SCLK
D12
D12
D11
D11
D10
D10
D9
D9
D8
D8
D7
D7
J2
C25
22pF
C26
56pF
C27
68pF
C28
47pF
C22
33pF
C23
15pF
C24
5.6pF
L1
68nH
L2
100nH
L3
120nH
J4
2
1
3
4
J3
W3
W5
GND
82.5MHz ELLIPTIC
LOW-PASS FILTER
R7
50
Ω
R9
50
Ω
5
6
GND
TFORMCT
W2
W11
GND
VCC
TxENABLE
GND
U10
R1
2000
Ω
C1
0.01
µF
R12
50
Ω
GND
J1
J6
J7
R2
50V
R3
50
Ω
R8
0
R10
0
CLOCK INPUT
GND
GND
GND
VCC
U6
5
4 8
2
3
7
6
MC100LEVL16
D
Q
D
Q
RESET
C2
0.1
µF
C29
10
µF
GND
AVDD
C3
0.1
µF
C4
0.1
µF
C5
0.1
µF
C6
0.1
µF
C7
0.1
µF
C8
0.1
µF
TB1
POWER
CONNECTION
GND
AVDD
DVDD
VCC
123
4
GND
W8 W10 W9 W7
C9
0.1
µF
C30
10
µF
GND
VCC
C10
0.1
µF
C11
0.1
µF
C12
0.1
µF
C13
0.1
µF
C14
0.1
µF
C31
10
µF
GND
DVDD
C15
0.1
µF
C16
0.1
µF
C17
0.1
µF
D13
D13
1
D0
D0
21 22
D1
D1
19
D2
D2
18
D3
D3
17
D4
D4
16
D5
D5
15
D6
D6
14
DGND
13
DGND
12
DGND
11
DVDD
10
9
8
7
6
5
4
3
2
60
41
20
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
VCC
Figure 37. Schematic of AD9857 Evaluation PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com