Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9857AST Datasheet(PDF) 26 Page - Analog Devices

Part # AD9857AST
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857AST Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9857AST Datasheet HTML 22Page - Analog Devices AD9857AST Datasheet HTML 23Page - Analog Devices AD9857AST Datasheet HTML 24Page - Analog Devices AD9857AST Datasheet HTML 25Page - Analog Devices AD9857AST Datasheet HTML 26Page - Analog Devices AD9857AST Datasheet HTML 27Page - Analog Devices AD9857AST Datasheet HTML 28Page - Analog Devices AD9857AST Datasheet HTML 29Page - Analog Devices AD9857AST Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
AD9857
Rev. C | Page 26 of 40
INSTRUCTION BYTE
The instruction byte contains the information shown in Table 6.
Table 6. Instruction Byte Information
MSB
D6
D5
D4
D3
D2
D1
LSB
R/W
N1
N0
A4
A3
A2
A1
A0
R/W
Bit 7 of the instruction byte determines whether a read or write
data transfer occurs after the instruction byte write. Logic high
indicates a read operation. Logic 0 indicates a write operation.
N1, N0
Bits 6 and 5 of the instruction byte determine the number of
bytes to be transferred during the data transfer cycle of the
communications cycle. The bit decodes are shown in Table 7.
Table 7. N1, N0 Decode Bits
N1
N0
Transfer
0
0
1 byte
0
1
2 bytes
1
0
3 bytes
1
1
4 bytes
A4, A3, A2, A1, A0
Bits 4, 3, 2, 1, and 0 of the instruction byte determine which
register is accessed during the data transfer portion of the
communications cycle. For multibyte transfers, this address is
the starting byte address. The remaining register addresses are
generated by the AD9857.
SERIAL INTERFACE PORT PIN DESCRIPTIONS
SCLK
Serial Clock. The serial clock pin is used to synchronize data to
and from the AD9857 and to run the internal state machines.
SCLK maximum frequency is 10 MHz.
CS
Chip Select. Active low input that allows more than one device
on the same serial communications lines. The SDO and SDIO
pins go to a high impedance state when this input is high. If
driven high during any communications cycle, that cycle is
suspended until CS is reactivated low. Chip Select can be tied
low in systems that maintain control of SCLK.
SDIO
Serial Data I/O. Data is always written into the AD9857 on this
pin. However, this pin can be used as a bidirectional data line.
The configuration of this pin is controlled by Bit 7 of register
address 00h. The default is logic zero, which configures the
SDIO pin as bidirectional.
SDO
Serial Data Out. Data is read from this pin for protocols that use
separate lines for transmitting and receiving data. When the
AD9857 operates in a single bidirectional I/O mode, this pin
does not output data and is set to a high impedance state.
SYNCIO
Synchronizes the I/O port state machines without affecting the
addressable registers contents. An active high input on the
SYNC I/O pin causes the current communication cycle to abort.
After SYNC I/O returns low (Logic 0) another communication
cycle may begin, starting with the instruction byte write.
MSB/LSB Transfers
The AD9857 Serial Port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. This
functionality is controlled by the Control Register 00h<6>bit.
The default value of Control Register 00h<6> is low (MSB first).
When Control Register 00h<6> is set high, the AD9857 serial
port is in LSB first format. The instruction byte must be written
in the format indicated by Control Register 00h<6>. That is, if
the AD9857 is in LSB first mode, the instruction byte must be
written from least significant bit to most significant bit.
Multibyte data transfers in MSB format can be completed by
writing an instruction byte that includes the register address of
the most significant byte. In MSB first mode, the serial port
internal byte address generator decrements for each byte
required of the multibyte communication cycle. Multibyte data
transfers in LSB first format can be completed by writing an
instruction byte that includes the register address of the least
significant byte. In LSB First mode, the serial port internal byte
address generator increments for each byte required of the
multibyte communication cycle.
Notes on Serial Port Operation
The AD9857 serial port configuration bits reside in Bits 6 and 7
of register address 0h. It is important to note that the
configuration changes immediately upon writing to this register.
For multibyte transfers, writing to this register may occur
during the middle of a communication cycle. Care must be
taken to compensate for this new configuration for the
remainder of the current communication cycle.
The AD9857 serial port controller address rolls from 19h to 0h
for multibyte I/O operations if the MSB first mode is active. The
serial port controller address rolls from 0h to 19h for multibyte
I/O operations if the LSB first mode is active.
The system must maintain synchronization with the AD9857 or
the internal control logic is not able to recognize further
instructions. For example, if the system sends an instruction
byte for a 2-byte write, then pulses the SCLK pin for a 3-byte
write (8 additional SCLK rising edges), communication
synchronization is lost. In this case, the first 16 SCLK rising
edges after the instruction cycle properly writes the first two
data bytes into the AD9857, but the next eight rising SCLK
edges are interpreted as the next instruction byte, not the final
byte of the previous communication cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com