Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9857/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9857/PCB
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9857/PCB Datasheet HTML 11Page - Analog Devices AD9857/PCB Datasheet HTML 12Page - Analog Devices AD9857/PCB Datasheet HTML 13Page - Analog Devices AD9857/PCB Datasheet HTML 14Page - Analog Devices AD9857/PCB Datasheet HTML 15Page - Analog Devices AD9857/PCB Datasheet HTML 16Page - Analog Devices AD9857/PCB Datasheet HTML 17Page - Analog Devices AD9857/PCB Datasheet HTML 18Page - Analog Devices AD9857/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
AD9857
Rev. C| Page 15 of 40
MODES OF OPERATION
The AD9857 has three operating modes:
Quadrature modulation mode (default)
Single-tone mode
Interpolating DAC mode
Mode selection is accomplished by programming a control
register via the serial port. The inverse SINC filter and output
scale multiplier are available in all three modes.
QUADRATURE MODULATION MODE
In quadrature modulation mode, both the I and Q data paths
are active. A block diagram of the AD9857 operating in the
quadrature modulation mode is shown in Figure 18.
In quadrature modulation mode, the PDCLK/FUD pin is an
output and functions as the parallel data clock (PDCLK), which
serves to synchronize the input of data to the AD9857. In this
mode, the input data must be synchronized with the rising edge
of PDCLK. The PDCLK operates at twice the rate of either the I
or Q data path. This is due to the fact that the I and Q data must
be presented to the parallel port as two 14-bit words
multiplexed in time. One I word and one Q word together
comprise one internal sample. Each sample is propagated along
the internal data pathway in parallel fashion.
The DDS core provides a quadrature (sin and cos) local
oscillator signal to the quadrature modulator, where the I and Q
data are multiplied by the respective phase of the carrier and
summed together, to produce a quadrature-modulated data
stream.
All of this occurs in the digital domain, and only then is the
digital data stream applied to the 14-bit DAC to become the
quadrature-modulated analog output signal.
14
14-BIT
DAC
DAC_RSET
IOUT
IOUT
8
OUTPUT
SCALE
VALUE
REFCLK
REFCLK
MODE
CONTROL
PLL
LOCK
CLOCK
INPUT
MODE
AD9857
PARALLEL
DATA IN
(14-BIT)
PDCLK/
FUD
14
INVERSE
CIC FILTER
INV
CIC
Q
(4 )
CIC
(2 - 63 )
FIXED
INTER-
POLATOR
PROGRAMMABLE
INTERPOLATOR
QUADRATURE
MODULATOR
INVERSE
SINC
FILTER
32
TUNING
WORD
TIMING AND CONTROL
DDS
CORE
CLOCK
MULTIPLIER
(4 – 20 )
PROFILE
SELECT
LOGIC
CONTROL REGISTERS
RESET
CIC
OVERFLOW
SERIAL
PORT
I
14
PS0
PS1
POWER-
DOWN
LOGIC
DIGITAL
POWER-
DOWN
TxENABLE
Figure 18. Quadrature Modulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com