Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9857/PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9857/PCB
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857/PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9857/PCB Datasheet HTML 20Page - Analog Devices AD9857/PCB Datasheet HTML 21Page - Analog Devices AD9857/PCB Datasheet HTML 22Page - Analog Devices AD9857/PCB Datasheet HTML 23Page - Analog Devices AD9857/PCB Datasheet HTML 24Page - Analog Devices AD9857/PCB Datasheet HTML 25Page - Analog Devices AD9857/PCB Datasheet HTML 26Page - Analog Devices AD9857/PCB Datasheet HTML 27Page - Analog Devices AD9857/PCB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD9857
Rev. C | Page 24 of 40
INPUT DATA PROGRAMMING
CONTROL INTERFACE—SERIAL I/O
The AD9857 serial port is a flexible, synchronous, serial
communications port allowing easy interface to many industry-
standard microcontrollers and microprocessors. The serial I/O
is compatible with most synchronous transfer formats,
including both the Motorola 6905/11 SPI and Intel 8051 SSR
protocols.
The interface allows read/write access to all registers that
configure the AD9857. Single or multiple byte transfers are
supported as well as MSB first or LSB first transfer formats. The
AD9857’s serial interface port can be configured as a single pin
I/O (SDIO) or two unidirectional pins for in/out (SDIO/SDO).
GENERAL OPERATION OF THE SERIAL INTERFACE
There are two phases to a communication cycle with the
AD9857. Phase 1 is the instruction cycle, which is the writing of
an instruction byte into the AD9857, coincident with the first
eight SCLK rising edges. The instruction byte provides the
AD9857 serial port controller with information regarding the
data transfer cycle, which is Phase 2 of the communication
cycle. The Phase 1 instruction byte defines whether the
upcoming data transfer is read or write, the number of bytes in
the data transfer (1-4), and the starting register address for the
first byte of the data transfer.
The first eight SCLK rising edges of each communication cycle
are used to write the instruction byte into the AD9857. The
remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the AD9857
and the system controller. Phase 2 of the communication cycle
is a transfer of 1, 2, 3, or 4 data bytes as determined by the
instruction byte. Typically, using one communication cycle in a
multibyte transfer is the preferred method. However, single-byte
communication cycles are useful to reduce CPU overhead when
register access requires one byte only. An example of this may
be to write the AD9857 SLEEP bit.
At the completion of any communication cycle, the AD9857
serial port controller expects the next eight rising SCLK edges
to be the instruction byte of the next communication cycle.
All data input to the AD9857 is registered on the rising edge of
SCLK. All data is driven out of the AD9857 on the falling edge
of SCLK.
Figure 27 and Figure 28 illustrate the data write and data read
operations on the AD9857 serial port. Figure 29 through
Figure 32 show the general operation of the AD9857 serial port.
tPRE
tSCLK
tSCLKPWH
tSCLKPWL
tDSU
tDHLD
CS
SCLK
SDIO
1ST BIT
2ND BIT
SYMBOL
DEFINITION
MIN
tPRE
tSCLK
tDSU
tSCLKPWH
tSCLKPWL
tDHLD
CS SETUP TIME
PERIOD OF SERIAL DATA CLOCK
SERIAL DATA SETUP TIME
SERIAL DATA CLOCK PULSE WIDTH HIGH
SERIAL DATA CLOCK PULSE WIDTH LOW
SERIAL DATA HOLD TIME
40ns
100ns
30ns
40ns
40ns
0ns
Figure 27. Timing Diagram for Data Write to AD9857



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com