Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8260EC Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8260EC
Description  PowerQUICC II Integrated Communications Processor Hardware Specifications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260EC Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8260EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
MPC8260 PowerQUICC II Integrated Communications Processor Hardware Specifications, Rev. 2
10
Freescale Semiconductor
Electrical and Thermal Characteristics
2.2
Thermal Characteristics
Table 4 describes thermal characteristics.
2.3
Power Considerations
The average chip-junction temperature, TJ, in °C can be obtained from the following:
TJ = TA + (PD x θJA)
(1)
where
TA = ambient temperature °C
θ
JA = package thermal resistance, junction to ambient, °C/W
PD = PINT + PI/O
PINT = IDD x VDD Watts (chip internal power)
PI/O = power dissipation on input and output pins (determined by user)
For most applications PI/O < 0.3 x PINT. If PI/O is neglected, an approximate relationship between PD and
TJ is the following:
PD = K/(TJ + 273° C)
(2)
Solving equations (1) and (2) for K gives:
K = PD x (TA + 273° C) + θJA x PD
2
(3)
where K is a constant pertaining to the particular part. K can be determined from equation (3) by measuring
PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ can be obtained by
solving equations (1) and (2) iteratively for any value of TA.
3 Rev C.2 silicon only.
Table 4. Thermal Characteristics
Characteristics
Symbol
Value
Unit
Air Flow
Thermal resistance for TBGA
θJA
13.071
1 Assumes a single layer board with no thermal vias
°C/W
NC2
2 Natural convection
θJA
9.551
°C/W
1 m/s
θJA
10.483
3 Assumes a four layer board
°C/W
NC
θJA
7.783
°C/W
1 m/s
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com