Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA-080 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CA-080
Description  Aluminium enclosures CA series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CA-080 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CA-080 Datasheet HTML 9Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 10Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 11Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 12Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 13Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 14Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 15Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 16Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
310
260 x 160 x 90 mm
CA-290
Aluminium enclosure
Type
Weight
(g)
External dimensions
(mm)
Complete enclosures
Coated, with gasket and lid screws
Coated, with gasket and hex. socket head screws
Coated, with silicone gasket and lid screws
Coated, with HF gasket and lid screws
Saltwater-proof coating, with gasket and lid screws
Saltwater-proof coating, passivated, lid screws with gasket
Unwashed, unpainted, no accessories
Accessories (separate or as a mounting set)
Mounting plate
TS 15 mounting rail
TS 32 mounting rail
TS 35 mounting rail
Grounding rail
External attachment brackets
External hinges side
Internal hinges with lid guiding**
Silicone gasket for wider temperature range (piece goods)
Max. Pg threads
260 x 160 x 90 mm
CA-300
Aluminium enclosure
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
CA-290
1960
260 x 160 x 90
Part number
129.0.0000.00
l
129.0.0010.00
129.0.0470.00
129.0.0080.00
129.0.0100.00
129.0.0060.00
129.0.0110.00
951.1.0960.00
l
–
982.1.0080.00
l
982.2.0110.00
l
981.0.0100.00
l
982.4.0240.00
l
980.1.0470.00
l
980.1.0300.00
l
923.1.0060.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
36
17
12
74330
Side C/D
84322000
** mechanical enclosure machining required
l = kept in stock
CA-300
1960
260 x 160 x 90
Part number
130.0.0000.00
l
130.0.0010.00
130.0.0640.00
130.0.0080.00
130.0.0100.00
130.0.0060.00
130.0.0410.00
951.1.0120.00
l
–
982.1.0080.00
l
982.2.0110.00
l
981.0.0100.00
l
982.4.0240.00
l
980.1.0470.00
l
980.1.0300.00
l
923.1.0060.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
36
17
12
74330
Side C/D
84322000
** mechanical enclosure machining required
l = kept in stock
LID
BASE
LID
BASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com