Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA-080 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CA-080
Description  Aluminium enclosures CA series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CA-080 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CA-080 Datasheet HTML 1Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 2Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 3Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 4Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 5Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
299
Aluminium enclosures – product line
Dimensions/mm
Aluminium enclosures
Cast type
dc = die casting
Lx
W x
H
Part number
Type
cc = chilled casting
50 x
45 x
30
102.0.0000.00
CA-020
dc
58 x
64 x
36
106.0.0000.00
CA-060
dc
98 x
64 x
36
108.0.0000.00
CA-080
dc
150 x
64 x
36
110.0.0000.00
CA-100
dc
75 x
80 x
57
113.0.0000.00
CA-130
dc
75 x
80 x
57
114.0.0000.00
CA-140
dc
125 x
80 x
57
115.0.0000.00
CA-150
dc
125 x
80 x
57
116.0.0000.00
CA-160
dc
175 x
80 x
57
117.0.0000.00
CA-170
dc
175 x
80 x
57
118.0.0000.00
CA-180
dc
250 x
80 x
57
119.0.0000.00
CA-190
dc
122 x 122 x
80
121.0.0000.00
CA-210
dc
122 x 122 x
90
121.0.0000.50
CA-215
dc
122 x 122 x
80
122.0.0000.00
CA-220
dc
220 x 122 x
80
123.0.0000.00
CA-230
dc
220 x 122 x
90
123.0.0000.50
CA-235
dc
220 x 122 x
80
124.0.0000.00
CA-240
dc
360 x 122 x
80
125.0.0000.00
CA-250
dc
160 x 160 x
90
127.0.0000.00
CA-270
dc
160 x 160 x
90
128.0.0000.00
CA-280
dc
260 x 160 x
90
129.0.0000.00
CA-290
dc
260 x 160 x
90
130.0.0000.00
CA-300
dc
360 x 160 x
90
131.0.0000.00
CA-310
dc
560 x 160 x
90
133.0.0000.00
CA-330
cc
200 x 230 x 110
135.0.0000.00
CA-350
dc
200 x 230 x 180
136.0.0000.00
CA-360
cc
280 x 230 x 110
137.0.0000.00
CA-370
dc
330 x 230 x 110
138.0.0000.00
CA-380
dc
330 x 230 x 180
139.0.0000.00
CA-390
cc
401 x 230 x 110
140.0.0000.00
CA-400
dc
600 x 230 x 110
142.0.0000.00
CA-420
cc
402 x 310 x 110
145.0.0000.00
CA-450
dc
402 x 310 x 180
146.0.0000.00
CA-460
cc
600 x 310 x 110
147.0.0000.00
CA-470
cc
600 x 310 x 180
148.0.0000.00
CA-480
cc
Accessories for
aluminium enclosures
Mounting plates
Galvanised sheet steel (thickness:
CA-060 to CA-310, CA-350 to CA-400:
1.5 mm; CA-330, CA-420 to CA-480: 2.5 mm) allows
mounting of additional equipment.
Mounting rails
Standard rails TS-15, TS-32 or TS-35 (steel),
yellow-passivated for attachment of terminal blocks.
Earthing rails
Galvanised steel for connecting and
routing of protective earth connection.
External attachment brackets
Stainless steel for mounting enclosures without opening
the lid.
Can be mounted in 90° steps at the base of the
enclosure.
External hinges
For hinged attachment of the enclosure lid. Swivelling
angle of lid approx. 155°. Aluminium casting,
RAL 7001 coating. Machining required to fit.
Drill template is supplied.
Internal hinges
For hinged attachment of the enclosure lid. Swivelling
angle of lid approx. 95°. Made of stainless steel.
Machining required to fit.
Silicone lid gasket
Improved temperature range (-50 °C to +130 °C).
Standard type made of silicone foam.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com