Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8360E Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC8360E
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
65
Pinout Listings
20.3
Pinout Listings
Refer to AN3097, “MPC8360/MPC8358E PowerQUICC Design Checklist,” for proper pin termination and usage.
This table shows the pin list of the MPC8360E TBGA package.
Table 66. MPC8360E TBGA Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
Primary DDR SDRAM Memory Controller Interface
MEMC1_MDQ[0:31]
AJ34, AK33, AL33, AL35, AJ33, AK34, AK32,
AM36, AN37, AN35, AR34, AT34, AP37, AP36,
AR36, AT35, AP34, AR32, AP32, AM31, AN33,
AM34, AM33, AM30, AP31, AM27, AR30, AT32,
AN29, AP29, AN27, AR29
I/O
GVDD
—
MEMC1_MDQ[32:63]/
MEMC2_MDQ[0:31]
AN8, AN7, AM8, AM6, AP9, AN9, AT7, AP7, AU6,
AP6, AR4, AR3, AT6, AT5, AR5, AT3, AP4, AM5,
AP3, AN3, AN5, AL5, AN4, AM2, AL2, AH5, AK3,
AJ2, AJ3, AH4, AK4, AH3
I/O
GVDD
—
MEMC1_MECC[0:4]/
MSRCID[0:4]
AP24, AN22, AM19, AN19, AM24
I/O
GVDD
—
MEMC1_MECC[5]/
MDVAL
AM23
I/O
GVDD
—
MEMC1_MECC[6:7]
AM22, AN18
I/O
GVDD
—
MEMC1_MDM[0:3]
AL36, AN34, AP33, AN28
O
GVDD
—
MEMC1_MDM[4:7]/
MEMC2_MDM[0:3]
AT9, AU4, AM3, AJ6
O
GVDD
—
MEMC1_MDM[8]
AP27
O
GVDD
—
MEMC1_MDQS[0:3]
AK35, AP35, AN31, AM26
I/O
GVDD
—
MEMC1_MDQS[4:7]/
MEMC2_MDQS[0:3]
AT8, AU3, AL4, AJ5
I/O
GVDD
—
MEMC1_MDQS[8]
AP26
I/O
GVDD
—
MEMC1_MBA[0:1]
AU29, AU30
O
GVDD
—
MEMC1_MBA[2]
AT30
O
GVDD
—
MEMC1_MA[0:14]
AU21, AP22, AP21, AT21, AU25, AU26, AT23,
AR26, AU24, AR23, AR28, AU23, AR22, AU20,
AR18
OGVDD
—
MEMC1_MODT[0:1]
AG33, AJ36
O
GVDD
6
MEMC1_MODT[2:3]/
MEMC2_MODT[0:1]
AT1, AK2
O
GVDD
6
MEMC1_MWE
AT26
O
GVDD
—
MEMC1_MRAS
AT29
O
GVDD
—
MEMC1_MCAS
AT24
O
GVDD
—
MEMC1_MCS[0:1]
AU27, AT27
O
GVDD
—
MEMC1_MCS[2:3]/
MEMC2_MCS[0:1]
AU8, AU7
O
GVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com