Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1632AEAI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1632AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
_______________________________________________________________________________________
7
_________________________________________________Pin Description (continued)
5
26
LX3
Switching Node (Inductor) Connection. Can swing 2V below ground without hazard.
27
DH3
Gate-Drive Output for the 3.3V, High-Side n-Channel Switch. DH3 is a floating driver output that swings
from LX3 to BST3, riding on the LX3 switching node voltage.
28
RUN/ON3
ON/OFF Control Input. See Power-Up Sequencing and ON/OFF Controls section.
24
DL3
Gate-Drive Output for the Low-Side Synchronous-Rectifier MOSFET. Swings 0V to VL.
25
BST3
Boost Capacitor Connection for High-Side Gate Drive (0.1µF)
SECFB
(MAX1631A/
MAX1634A)
Secondary Winding Feedback Input. Normally connected to a resistor-divider from an auxiliary output.
SECFB regulates at VSECFB = 2.5V (see Secondary Feedback Regulation Loop section). Tie to VL if not
used.
VDD
(MAX1630A/
32A/33A/35A)
Supply Voltage Input for the 12OUT Linear Regulator. Also connects to an internal resistor-divider for
secondary winding feedback, and to an 18V overvoltage shunt regulator clamp.
21
VL
5V Internal Linear-Regulator Output. VL is also the supply voltage rail for the chip. After the 5V SMPS
output has reached +4.5V (typical), VL automatically switches to the output voltage through CSL5 for
bootstrapping. Bypass to GND with 4.7µF. VL supplies up to 25mA for external loads.
22
V+
Battery Voltage Input, +4.2V to +30V. Bypass V+ to PGND close to the IC with a 0.22µF capacitor.
Connects to a linear regulator that powers VL.
23
SHDN
Shutdown Control Input, Active Low. Logic threshold is set at approximately 1V. For automatic startup,
connect SHDN to V+ through a 220k
Ω resistor and bypass SHDN to GND with a 0.01µF capacitor.
13
CSL5
Current-Sense Input for the 5V SMPS. Also serves as the feedback input in fixed-output mode, and as
the bootstrap supply input when the voltage on CSL5/VL is > 4.5V.
14
CSH5
Current-Sense Input for the 5V SMPS. Current-limit level is 100mV referred to CSL5.
17
LX5
Switching Node (Inductor) Connection. Can swing 2V below ground without hazard.
18
BST5
Boost Capacitor Connection for High-Side Gate Drive (0.1µF)
19
DL5
Gate-Drive Output for the Low-Side Synchronous-Rectifier MOSFET. Swings 0V to VL.
20
PGND
Power Ground
15
SEQ
Pin-Strap Input that Selects the SMPS Power-Up Sequence:
SEQ = GND: 5V before 3.3V, RESET output determined by both outputs
SEQ = REF: Separate ON3/ON5 controls, RESET output determined by 3.3V output
SEQ = VL: 3.3V before 5V, RESET output determined by both outputs
16
DH5
Gate-Drive Output for the 5V, High-Side n-Channel Switch. DH5 is a floating driver output that swings
from LX5 to BST5, riding on the LX5 switching node voltage.
12
FB5
Feedback Input for the 5V SMPS; regulates at FB5 = REF (approximately 2.5V) in adjustable mode. FB5
is a Dual Mode input that also selects the 5V fixed output voltage setting when tied to GND. Connect
FB5 to a resistor-divider for adjustable-output mode.
8
GND
Low-Noise Analog Ground and Feedback Reference Point
9
REF
2.5V Reference Voltage Output. Bypass to GND with 1µF minimum.
10
SKIP
Logic-Control Input that Disables Idle Mode when High. Connect to GND for normal use.
11
RESET
Active-Low Timed Reset Output. RESET swings GND to VL. Goes high after a fixed 32,000 clock-cycle
delay following power-up.
6
SYNC
Oscillator Synchronization and Frequency Select. Tie to VL for 300kHz operation; tie to GND for 200kHz
operation. Can be driven at 240kHz to 350kHz for external synchronization.
7
TIME/ON5
Dual-Purpose Timing Capacitor Pin and ON/OFF Control Input. See Power-Up Sequencing and
ON/OFF Controls section.
NAME
FUNCTION
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com