Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1632AEAI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1632AEAI Datasheet HTML 1Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
________________General Description
The MAX1630A–MAX1635A are buck-topology, step-
down, switch-mode, power-supply controllers that gener-
ate logic-supply voltages in battery-powered systems.
These high-performance, dual-/triple-output devices
include on-board power-up sequencing, power-good
signaling with delay, digital soft-start, secondary winding
control, low-dropout circuitry, internal frequency-com-
pensation networks, and automatic bootstrapping.
Up to 96% efficiency is achieved through synchronous
rectification and Maxim’s proprietary Idle Mode™ control
scheme. Efficiency is greater than 80% over a 1000:1
load-current range, which extends battery life in system-
suspend or standby mode. Excellent dynamic response
corrects output load transients caused by the latest
dynamic-clock CPUs within five 300kHz clock cycles.
Strong 1A on-board gate drivers ensure fast external
n-channel MOSFET switching.
These devices feature a logic-controlled and synchroniz-
able, fixed-frequency, pulse-width-modulation (PWM)
operating mode. This reduces noise and RF interference
in sensitive mobile communications and pen-entry appli-
cations. Asserting the SKIP pin enables fixed-frequency
mode for lowest noise under all load conditions.
The MAX1630A–MAX1635A include two PWM regulators,
adjustable from 2.5V to 5.5V with fixed 5.0V and 3.3V
modes. All these devices include secondary feedback
regulation, and the MAX1630A/MAX1632A/MAX1633A/
MAX1635A each contain 12V/120mA linear regulators.
The MAX1631A/MAX1634A include a secondary feed-
back input (SECFB), plus a control pin (STEER) that
selects which PWM (3.3V or 5V) receives the secondary
feedback signal. SECFB provides a method for adjusting
the secondary winding voltage regulation point with an
external resistor-divider, and is intended to aid in creating
auxiliary voltages other than fixed 12V.
The MAX1630A/MAX1631A/MAX1632A contain internal
output overvoltage and undervoltage protection features.
The MAX1630A family has improved RF immunity over
the MAX1630 family.
________________________Applications
Notebook and Subnotebook Computers
PDAs and Mobile Communicators
Desktop CPU Local DC-DC Converters
____________________________Features
♦ 96% Efficiency
♦ +4.2V to +30V Input Range
♦ 2.5V to 5.5V Dual Adjustable Outputs
♦ Selectable 3.3V and 5V Fixed or Adjustable
Outputs (Dual Mode™)
♦ 12V Linear Regulator
♦ Adjustable Secondary Feedback
(MAX1631A/MAX1634A)
♦ 5V/50mA Linear Regulator Output
♦ Precision 2.5V Reference Output
♦ Programmable Power-Up Sequencing
♦ Power-Good (RESET) Output
♦ Output Overvoltage Protection
(MAX1630A/MAX1631A/MAX1632A)
♦ Output Undervoltage Shutdown
(MAX1630A/MAX1631A/MAX1632A)
♦ 200kHz/300kHz Low-Noise, Fixed-Frequency
Operation
♦ Low-Dropout, 99% Duty-Factor Operation
♦ 2.5mW Typical Quiescent Power (+12V Input,
Both SMPSs On)
♦ 4µA Typical Shutdown Current
♦ 28-Pin SSOP Package
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
________________________________________________________________ Maxim Integrated Products
1
5V
LINEAR
12V
LINEAR
POWER-UP
SEQUENCE
POWER-
GOOD
3.3V
SMPS
5V
SMPS
RESET
ON/OFF
+5V (RTC)
+3.3V
INPUT
+5V
+12V
________________Functional Diagram
19-3518; Rev 1; 8/05
PART
MAX1630AEAI
-40°C to +85°C
TEMP RANGE
PIN-PACKAGE
28 SSOP
EVALUATION
KIT
AVAILABLE
_______________Ordering Information
+Denotes lead-free package.
Ordering Information continued at end of data sheet.
Pin Configurations and Selector Guide appear at end of data
sheet.
Idle Mode and Dual Mode are trademarks of Maxim Integrated
Products, Inc.


Similar Part No. - MAX1632AEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1632A MAXIM-MAX1632A Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
More results

Similar Description - MAX1632AEAI

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1901 MAXIM-MAX1901 Datasheet
649Kb / 33P
500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 3; 12/03
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com