Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6064-E/ST Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP6064-E/ST
Description  60 關A, High Precision Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6064-E/ST Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP6064-E/ST Datasheet HTML 32Page - Microchip Technology MCP6064-E/ST Datasheet HTML 33Page - Microchip Technology MCP6064-E/ST Datasheet HTML 34Page - Microchip Technology MCP6064-E/ST Datasheet HTML 35Page - Microchip Technology MCP6064-E/ST Datasheet HTML 36Page - Microchip Technology MCP6064-E/ST Datasheet HTML 37Page - Microchip Technology MCP6064-E/ST Datasheet HTML 38Page - Microchip Technology MCP6064-E/ST Datasheet HTML 39Page - Microchip Technology MCP6064-E/ST Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
© 2010 Microchip Technology Inc.
DS22189B-page 37
MCP6061/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Device:
MCP6061:
Single Op Amp
MCP6061T:
Single Op Amp (Tape and Reel)
(SOIC, SOT-23 and 2x3 TDFN)
MCP6062:
Dual Op Amp
MCP6062T:
Dual Op Amp (Tape and Reel)
(SOIC and 2x3 TDFN)
MCP6064:
Quad Op Amp
MCP6064T:
Quad Op Amp (Tape and Reel)
(SOIC and TSSOP)
Temperature Range: E
= -40°C to +125°C
Package:
MNY * = Plastic Dual Flat, No Lead, (2x3 TDFN) 8-lead
OT
= Plastic Small Outline Transistor (SOT-23), 5-lead
SL
= Plastic SOIC (150 mil Body), 14-lead
SN = Plastic SOIC, (150 mil Body), 8-lead
ST
= Plastic TSSOP (4.4mm Body), 14-lead
* Y = Nickel palladium gold manufacturing designator. Only
available on the TDFN package.
Examples:
a)
MCP6061T-E/OT:
Tape and Reel,
5LD SOT-23 pkg
b)
MCP6061-E/SN:
8LD SOIC pkg
c)
MCP6061T-E/SN:
Tape and Reel,
8LD SOIC pkg
d)
MCP6061T-E/MNY:
Tape and Reel,
8LD 2x3 TDFN pkg
a)
MCP6062-E/SN:
8LD SOIC pkg
b)
MCP6062T-E/SN:
Tape and Reel,
8LD SOIC pkg
c)
MCP6062T-E/MNY:
Tape and Reel
8LD 2x3 TDFN pkg
a)
MCP6064-E/SL:
14LD SOIC pkg
b)
MCP6064T-E/SL:
Tape and Reel,
14LD SOIC pkg
c)
MCP6064-E/ST:
14LD TSSOP pkg
d)
MCP6064T-E/ST:
Tape and Reel,
14LD TSSOP pkg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com