Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6064-E/ST Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6064-E/ST
Description  60 關A, High Precision Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6064-E/ST Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6064-E/ST Datasheet HTML 15Page - Microchip Technology MCP6064-E/ST Datasheet HTML 16Page - Microchip Technology MCP6064-E/ST Datasheet HTML 17Page - Microchip Technology MCP6064-E/ST Datasheet HTML 18Page - Microchip Technology MCP6064-E/ST Datasheet HTML 19Page - Microchip Technology MCP6064-E/ST Datasheet HTML 20Page - Microchip Technology MCP6064-E/ST Datasheet HTML 21Page - Microchip Technology MCP6064-E/ST Datasheet HTML 22Page - Microchip Technology MCP6064-E/ST Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
© 2010 Microchip Technology Inc.
DS22189B-page 19
MCP6061/2/4
5.0
DESIGN AIDS
Microchip provides the basic design tools needed for
the MCP6061/2/4 family of op amps.
5.1
SPICE Macro Model
The latest SPICE macro model for the MCP6061/2/4
op amps is available on the Microchip web site at
www.microchip.com. The model was written and tested
in official Orcad (Cadence) owned PSPICE. For the
other simulators, it may require translation.
The model covers a wide aspect of the op amp's
electrical specifications. Not only does the model cover
voltage, current, and resistance of the op amp, but it
also covers the temperature and noise effects on the
behavior of the op amp. The model has not been
verified outside of the specification range listed in the
op amp data sheet. The model behaviors under these
conditions can not be guaranteed that it will match the
actual op amp performance.
Moreover, the model is intended to be an initial design
tool. Bench testing is a very important part of any
design and cannot be replaced with simulations. Also,
simulation results using this macro model need to be
validated by comparing them to the data sheet
specifications and characteristic curves.
5.2
FilterLab® Software
Microchip’s FilterLab® software is an innovative
software tool that simplifies analog active filter (using
op amps) design. Available at no cost from the
Microchip web site at www.microchip.com/filterlab, the
FilterLab design tool provides full schematic diagrams
of the filter circuit with component values. It also
outputs the filter circuit in SPICE format, which can be
used with the macro model to simulate actual filter
performance.
5.3
Microchip Advanced Part Selector
(MAPS)
MAPS is a software tool that helps semiconductor
professionals efficiently identify Microchip devices that
fit a particular design requirement. Available at no cost
from the Microchip website at www.microchip.com/
maps, the MAPS is an overall selection tool for
Microchip’s product portfolio that includes Analog,
Memory, MCUs and DSCs. Using this tool you can
define a filter to sort features for a parametric search of
devices and export side-by-side technical comparison
reports. Helpful links are also provided for Data Sheets,
purchase, and sampling of Microchip parts.
5.4
Analog Demonstration and
Evaluation Boards
Microchip
offers
a
broad
spectrum
of
Analog
Demonstration
and
Evaluation
Boards
that
are
designed to help you achieve faster time to market. For
a
complete
listing
of
these
boards
and
their
corresponding user’s guides and technical information,
visit the Microchip web site at www.microchip.com/
analogtools.
Some boards that are especially useful are:
• MCP6XXX Amplifier Evaluation Board 1
• MCP6XXX Amplifier Evaluation Board 2
• MCP6XXX Amplifier Evaluation Board 3
• MCP6XXX Amplifier Evaluation Board 4
• Active Filter Demo Board Kit
• 5/6-Pin SOT-23 Evaluation Board, P/N VSUPEV2
• 8-Pin SOIC/MSOP/TSSOP/DIP Evaluation Board,
P/N SOIC8EV
• 14-Pin SOIC/TSSOP/DIP Evaluation Board, P/N
SOIC14EV
5.5
Application Notes
The following Microchip Analog Design Note and
Application Notes are available on the Microchip web
site
at
www.microchip.
com/appnotes
and
are
recommended as supplemental reference resources.
•
ADN003: “Select the Right Operational Amplifier
for your Filtering Circuits”, DS21821
•
AN722: “Operational Amplifier Topologies and DC
Specifications”, DS00722
•
AN723: “Operational Amplifier AC Specifications
and Applications”, DS00723
•
AN884: “Driving Capacitive Loads With Op
Amps”, DS00884
•
AN990: “Analog Sensor Conditioning Circuits –
An Overview”, DS00990
•
AN1177: “Op Amp Precision Design: DC Errors”,
DS01177
•
AN1228: “Op Amp Precision Design: Random
Noise”, DS01228
•
AN1332: “Current Sensing Circuit Concepts and
Fundamentals”, DS01332
These application notes and others are listed in the
design guide:
• “Signal Chain Design Guide”, DS21825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com