Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27L2CPWRG4 Datasheet(PDF) 19 Page - Texas Instruments

Part # TLC27L2CPWRG4
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L2CPWRG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC27L2CPWRG4 Datasheet HTML 15Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 16Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 17Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 18Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 19Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 20Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 21Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 22Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 14
VID = − 1 V
VID = − 100 mV
VDD = 5 V
IOL = 5 mA
TA = 25°C
600
500
400
3
2
1
700
4
VIC − Common-Mode Input Voltage − V
300
0
LOW-LEVEL OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
0.5
1.5
2.5
3.3
Figure 15
VID = − 100 mV
VID = − 2.5 V
VID = − 1 V
TA = 25°C
IOL = 5 mA
VDD = 10 V
10
8
6
4
2
500
450
400
350
300
VIC − Common-Mode Input Voltage − V
0
250
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
13
5
7
9
Figure 16
TA = 25°C
VIC = |VID/2|
IOL = 5 mA
0
100
200
300
400
500
600
700
800
−8
−6
−4
−2
−10
VID − Differential Input Voltage − V
0
LOW-LEVEL OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
−1
−3
−5
−7
−9
VDD = 10 V
VDD = 5 V
Figure 17
VDD = 5 V
800
700
600
500
400
300
200
100
100
75
50
25
0
−25
−50
900
125
TA − Free-Air Temperature − °C
0
−75
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
IOL = 5 mA
VID = − 1 V
VIC = 0.5 V
VDD = 10 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com