Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27L2CPWRG4 Datasheet(PDF) 20 Page - Texas Instruments

Part # TLC27L2CPWRG4
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L2CPWRG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC27L2CPWRG4 Datasheet HTML 16Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 17Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 18Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 19Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 20Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 21Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 22Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 23Page - Texas Instruments TLC27L2CPWRG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 18
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
VDD = 4 V
VDD = 3 V
TA = 25°C
VIC = 0.5 V
VID = − 1 V
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
7
6
5
4
3
2
1
0
8
1
IOL − Low-Level Output Current − mA
0
VDD = 5 V
Figure 19
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
VDD = 16 V
VDD = 10 V
VID = − 1 V
VIC = 0.5 V
TA = 25°C
2.5
2
1.5
1
0.5
25
20
15
10
5
0
30
3
IOL − Low-Level Output Current − mA
0
Figure 20
0
VDD − Supply Voltage − V
2000
16
0
2
4
6
8
10
12
14
200
400
600
800
1000
1200
1400
1600
1800
RL = 1 MΩ
TA = − 55°C
−40
°C
TA = 0°C
70
°C
85
°C
125
°C
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
SUPPLY VOLTAGE
25
°C
Figure 21
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
100
75
50
25
0
−25
−50
0
125
TA − Free-Air Temperature − °C
−75
RL = 1 MΩ
VDD = 5 V
VDD = 10 V
1800
1600
1400
1200
1000
800
600
400
200
2000
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com