Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8667ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8667ARMZ
Description  Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8667ARMZ Datasheet HTML 6Page - Analog Devices AD8667ARMZ Datasheet HTML 7Page - Analog Devices AD8667ARMZ Datasheet HTML 8Page - Analog Devices AD8667ARMZ Datasheet HTML 9Page - Analog Devices AD8667ARMZ Datasheet HTML 10Page - Analog Devices AD8667ARMZ Datasheet HTML 11Page - Analog Devices AD8667ARMZ Datasheet HTML 12Page - Analog Devices AD8667ARMZ Datasheet HTML 13Page - Analog Devices AD8667ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8663/AD8667/AD8669
Rev. B | Page 10 of 16
VSY = ±2.5V
AV = 1
CL = 200pF
RL = 2kΩ
TIME (10µs/DIV)
Figure 29. Large Signal Transient Response, VSY = ±2.5 V
VSY = ±2.5V
AV = 1
CL = 200pF
RL = 10kΩ
TIME (2µs/DIV)
Figure 30. Small Signal Transient Response, VSY = ±2.5 V
300
0
VSY (V)
2
4
6
8
10
12
14
16
250
200
150
100
50
0
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 31. AD8663, Supply Current vs. Supply Voltage
VSY = ±8V
AV = 1
CL = 200pF
RL = 2kΩ
TIME (20µs/DIV)
Figure 32. Large Signal Transient Response, VSY = ±8 V
VSY = ±8V
AV = 1
CL = 200pF
RL = 10kΩ
TIME (2µs/DIV)
Figure 33. Small Signal Transient Response, VSY = ±8 V
1200
0
VSY (V)
2
4
6
8
10
12
14
16
1000
800
600
400
200
0
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 34. AD8669, Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com