Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8667ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8667ARMZ
Description  Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8667ARMZ Datasheet HTML 7Page - Analog Devices AD8667ARMZ Datasheet HTML 8Page - Analog Devices AD8667ARMZ Datasheet HTML 9Page - Analog Devices AD8667ARMZ Datasheet HTML 10Page - Analog Devices AD8667ARMZ Datasheet HTML 11Page - Analog Devices AD8667ARMZ Datasheet HTML 12Page - Analog Devices AD8667ARMZ Datasheet HTML 13Page - Analog Devices AD8667ARMZ Datasheet HTML 14Page - Analog Devices AD8667ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8663/AD8667/AD8669
Rev. B | Page 11 of 16
+125°C
–40°C
+25°C
+85°C
0
550
500
450
400
50
100
150
200
250
300
350
600
0
2
4
6
8
101214
16
VSY (V)
Figure 35. AD8667, Supply Current vs. Supply Voltage
VSY = ±2.5V
AV = –100
TA = 25°C
TIME (20µs/DIV)
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
INPUT VOLTAGE
OUTPUT VOLTAGE
Figure 36. Positive Overload Recovery
VSY = ±2.5V
AV = –100
TA = 25°C
TIME (20µs/DIV)
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
–0.35
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
INPUT VOLTAGE
OUTPUT VOLTAGE
Figure 37. Negative Overload Recovery
1000
1
1
10000
FREQUENCY (Hz)
10
100
1000
10
100
VSY = ±2.5V AND ±8V
TA = 25°C
Figure 38. Voltage Noise Density
VSY = ±8V
AV = –100
TA = 25°C
TIME (20µs/DIV)
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
27
22
17
12
7
2
–3
–8
–13
INPUT VOLTAGE
OUTPUT VOLTAGE
Figure 39. Positive Overload Recovery
VSY = ±8V
AV = –100
TA = 25°C
TIME (20µs/DIV)
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
–0.35
35
30
25
20
15
10
5
0
–5
INPUT VOLTAGE
OUTPUT VOLTAGE
Figure 40. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com