Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD3PK50Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD3PK50Z
Description  P-channel 500 V, 3 Ω typ., 2.8 A Zener-protected SuperMESH™Power MOSFET in a DPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3PK50Z Datasheet(HTML) 1 Page - STMicroelectronics

  STD3PK50Z Datasheet HTML 1Page - STMicroelectronics STD3PK50Z Datasheet HTML 2Page - STMicroelectronics STD3PK50Z Datasheet HTML 3Page - STMicroelectronics STD3PK50Z Datasheet HTML 4Page - STMicroelectronics STD3PK50Z Datasheet HTML 5Page - STMicroelectronics STD3PK50Z Datasheet HTML 6Page - STMicroelectronics STD3PK50Z Datasheet HTML 7Page - STMicroelectronics STD3PK50Z Datasheet HTML 8Page - STMicroelectronics STD3PK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
August 2012
Doc ID 18280 Rev 2
1/15
15
STD3PK50Z
P-channel 500 V, 3
Ω typ., 2.8 A Zener-protected SuperMESH™
Power MOSFET in a DPAK package
Datasheet — production data
Features
■ Gate charge minimized
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Very low intrinsic capacitance
■ Improved ESD capability
Applications
■ Switching applications
Description
This device is a P-channel Zener-protected Power
MOSFET developed using STMicroelectronics’
SuperMESH™ technology, achieved through
optimization of ST’s well established strip-based
PowerMESH™ layout. In addition to a significant
reduction in on-resistance, this device is designed
to ensure a high level of dv/dt capability for the
most demanding applications.
Figure 1.
Internal schematic diagram
Note:
For the P-channel Power MOSFETs actual polarity of voltages and current has to be
reversed.
Order code
VDSS RDS(on)max
ID
PTOT
STD3PK50Z
500 V
< 4
Ω
2.8 A
70 W
DPAK
1
3
TAB
or TAB
AM11279v1
Table 1.
Device summary
Order code
Marking
Package
Packaging
STD3PK50Z
3PK50Z
DPAK
Tape and reel
www.st.com


Similar Part No. - STD3PK50Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD3PK50 ISC-STD3PK50 Datasheet
332Kb / 2P
N-Channel MOSFET
More results

Similar Description - STD3PK50Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD15N50M2AG STMICROELECTRONICS-STD15N50M2AG Datasheet
793Kb / 16P
Automotive-grade N-channel 500 V, 0.336 Ω typ., 10 A MDmesh™ M2 Power MOSFET in a DPAK package
07-May-2016
STD5NM50AG STMICROELECTRONICS-STD5NM50AG Datasheet
626Kb / 16P
Automotive-grade N-channel 500 V, 0.7 Ω typ., 7.5 A, MDmesh Power MOSFET in a DPAK package
09-Apr-2019
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
09-Mar-2016
STD13NM50N STMICROELECTRONICS-STD13NM50N Datasheet
665Kb / 18P
N-channel 500 V, 0.285 Ω typ., 12 A MDmesh™ II Power MOSFET in a DPAK package
22-Oct-2018
STD4LN80K5 STMICROELECTRONICS-STD4LN80K5 Datasheet
814Kb / 15P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a DPAK package
18-May-2016
STD5N65M6 STMICROELECTRONICS-STD5N65M6 Datasheet
801Kb / 15P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a DPAK package
05-May-2016
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STF10NK50Z STMICROELECTRONICS-STF10NK50Z_V01 Datasheet
525Kb / 13P
N-channel 500 V, 0.55 Ω, 9 A Zener-protected SuperMESH™ Power MOSFET in TO-220FP package
28-Mar-2012
STD10P10F6 STMICROELECTRONICS-STD10P10F6_V01 Datasheet
403Kb / 16P
P-channel -100 V, 0.36 Ω typ., -10 A STripFET F6 Power MOSFET in a DPAK package
26-Apr-2022
STD4NK100Z STMICROELECTRONICS-STD4NK100Z_V01 Datasheet
440Kb / 15P
Automotive-grade N-channel 1000 V, 5.4 Ω typ., 2.2 A SuperMESH Power MOSFET in a DPAK package
04-Apr-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com