Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS10N3LH5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STS10N3LH5
Description  N-channel 30 V, 0.019 Ω, 10 A, SO-8 STripFET™V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS10N3LH5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STS10N3LH5 Datasheet HTML 2Page - STMicroelectronics STS10N3LH5 Datasheet HTML 3Page - STMicroelectronics STS10N3LH5 Datasheet HTML 4Page - STMicroelectronics STS10N3LH5 Datasheet HTML 5Page - STMicroelectronics STS10N3LH5 Datasheet HTML 6Page - STMicroelectronics STS10N3LH5 Datasheet HTML 7Page - STMicroelectronics STS10N3LH5 Datasheet HTML 8Page - STMicroelectronics STS10N3LH5 Datasheet HTML 9Page - STMicroelectronics STS10N3LH5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STS10N3LH5
6/13
Doc ID 15618 Rev 1
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature Figure 7.
Static drain-source on resistance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s a
re
a i
s
Limited
by
m
ax
R
DS
(on)
100ms
1s
10ms
0.01
Tj=150°C
Tc=25°C
Sinlge
pulse
AM03899v1
ID
30
20
10
0
0
2
VDS(V)
4
(A)
1
3
40
50
5V
6V
VGS=10V
60
70
4V
3V
AM03900v1
ID
30
20
10
0
0
4
VGS(V)
8
(A)
2
6
40
50
VDS=5V
60
70
AM03901v1
BVDSS
-55
-5
TJ(°C)
(norm)
-30
70
20 45
95
0.85
0.90
0.95
1.00
1.05
1.10
120
AM03902v1
RDS(on)
15
10
5
0
0
15
ID(A)
(
Ω)
10
20
20
25
30
35
ID=13.5A
VGS=10V
5
25
AM03903v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com