Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS10N3LH5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STS10N3LH5
Description  N-channel 30 V, 0.019 Ω, 10 A, SO-8 STripFET™V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS10N3LH5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STS10N3LH5 Datasheet HTML 3Page - STMicroelectronics STS10N3LH5 Datasheet HTML 4Page - STMicroelectronics STS10N3LH5 Datasheet HTML 5Page - STMicroelectronics STS10N3LH5 Datasheet HTML 6Page - STMicroelectronics STS10N3LH5 Datasheet HTML 7Page - STMicroelectronics STS10N3LH5 Datasheet HTML 8Page - STMicroelectronics STS10N3LH5 Datasheet HTML 9Page - STMicroelectronics STS10N3LH5 Datasheet HTML 10Page - STMicroelectronics STS10N3LH5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STS10N3LH5
Electrical characteristics
Doc ID 15618 Rev 1
7/13
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10. Normalized gate threshold voltage
vs temperature
Figure 11. Normalized on resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
4
6
10
VDD=15V
ID=27A
12
AM03904v1
C
310
210
110
10
0
20
VDS(V)
(pF)
10
410
Ciss
Coss
Crss
TJ=25°C
f=1MHz
510
610
710
810
AM03905v1
VGS(th)
0.7
0.6
0.5
0.4
-55
-5
TJ(°C)
(norm)
-30
0.8
70
20 45
95 120 145
0.9
1.0
1.1
AM03906v1
RDS(on)
1.0
0.8
0.6
0.4
-55
-5
TJ(°C)
(norm)
-30
70
20
45
95
1.2
1.4
1.6
1.8
120
AM03907v1
VSD
0
10
ISD(A)
(V)
5
25
15
20
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TJ=-55°C
TJ=175°C
TJ=25°C
1.1
AM03908v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com