Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5100AM/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5100AM/NOPB
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100AM/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5100AM/NOPB Datasheet HTML 13Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 14Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 15Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 16Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 17Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 18Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 19Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 20Page - Texas Instruments LM5100AM/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LM5101BMA
ACTIVE
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 125
L5101
BMA
LM5101BMA/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L5101
BMA
LM5101BMAX
ACTIVE
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 125
L5101
BMA
LM5101BMAX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L5101
BMA
LM5101BSD
ACTIVE
WSON
DPR
10
1000
TBD
Call TI
Call TI
-40 to 125
5101BSD
LM5101BSD/NOPB
ACTIVE
WSON
DPR
10
1000
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
5101BSD
LM5101BSDX
ACTIVE
WSON
DPR
10
4500
TBD
Call TI
Call TI
-40 to 125
5101BSD
LM5101BSDX/NOPB
ACTIVE
WSON
DPR
10
4500
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
5101BSD
LM5101CMA
ACTIVE
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 125
L5101
CMA
LM5101CMA/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L5101
CMA
LM5101CMAX
ACTIVE
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 125
L5101
CMA
LM5101CMAX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L5101
CMA
LM5101CMY/NOPB
ACTIVE
MSOP-
PowerPAD
DGN
8
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
SXDB
LM5101CMYE/NOPB
ACTIVE
MSOP-
PowerPAD
DGN
8
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
SXDB
LM5101CMYX/NOPB
ACTIVE
MSOP-
PowerPAD
DGN
8
3500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
SXDB
LM5101CSD
ACTIVE
WSON
DPR
10
1000
TBD
Call TI
Call TI
-40 to 125
5101CSD
LM5101CSD/NOPB
ACTIVE
WSON
DPR
10
1000
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
5101CSD
LM5101CSDX
ACTIVE
WSON
DPR
10
4500
TBD
Call TI
Call TI
-40 to 125
5101CSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com