Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV932MM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMV932MM
Description  LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV932MM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV932MM Datasheet HTML 9Page - Texas Instruments LMV932MM Datasheet HTML 10Page - Texas Instruments LMV932MM Datasheet HTML 11Page - Texas Instruments LMV932MM Datasheet HTML 12Page - Texas Instruments LMV932MM Datasheet HTML 13Page - Texas Instruments LMV932MM Datasheet HTML 14Page - Texas Instruments LMV932MM Datasheet HTML 15Page - Texas Instruments LMV932MM Datasheet HTML 16Page - Texas Instruments LMV932MM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
-0.4
0.6
1.6
2.6
3.6
4.6
5.6
VCM (V)
-1
-0.5
0
0.5
1
1.5
2
2.5
3
VS = 5V
125°C
85°C
25°C
-40°C
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
-1
-0.5
0
0.5
1
1.5
2
2.5
3
VCM (V)
VS = 1.8V
125°C
25°C
85°C
-40°C
-0.4
0.1
0.6
1.1
1.6
2.1
2.6
3.1
-1
-0.5
0
0.5
1
1.5
2
2.5
3
VCM (V)
VS = 2.7V
125°C
25°C
85°C
-40°C
LMV931-N, LMV931-N-Q1, LMV932-N, LMV932-N-Q1
LMV934-N, LMV934-N-Q1
www.ti.com
SNOS993L – NOVEMBER 2001 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Offset Voltage vs. Common Mode Range
Offset Voltage vs. Common Mode Range
Figure 25.
Figure 26.
Offset Voltage vs. Common Mode Range
Figure 27.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV931-N LMV931-N-Q1 LMV932-N LMV932-N-Q1 LMV934-N LMV934-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com