Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951ACMM Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951ACMM
Description  LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2951ACMM Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP2951ACMM Datasheet HTML 15Page - Texas Instruments LP2951ACMM Datasheet HTML 16Page - Texas Instruments LP2951ACMM Datasheet HTML 17Page - Texas Instruments LP2951ACMM Datasheet HTML 18Page - Texas Instruments LP2951ACMM Datasheet HTML 19Page - Texas Instruments LP2951ACMM Datasheet HTML 20Page - Texas Instruments LP2951ACMM Datasheet HTML 21Page - Texas Instruments LP2951ACMM Datasheet HTML 22Page - Texas Instruments LP2951ACMM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
LP2950-N, LP2951-N
www.ti.com
SNVS764N – JANUARY 2000 – REVISED MAY 2013
•
Early warning flag on low input voltage
•
Main output latches off at lower input voltages
•
Battery backup on auxiliary output
•
Operation: Reg. #1's VOUT is programmed one diode drop above 5V. Its error flag becomes active when VIN ≤
5.7V. When VIN drops below 5.3V, the error flag of Reg. #2 becomes active and via Q1 latches the main output
off. When VIN again exceeds 5.7V Reg. #1 is back in regulation and the early warning signal rises, unlatching
Reg. #2 via D3.
Figure 53. Regulator with Early Warning and Auxiliary Output
Figure 54. Latch Off When Error Flag Occurs
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP2950-N LP2951-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com