Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951ACMM Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951ACMM
Description  LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2951ACMM Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP2951ACMM Datasheet HTML 22Page - Texas Instruments LP2951ACMM Datasheet HTML 23Page - Texas Instruments LP2951ACMM Datasheet HTML 24Page - Texas Instruments LP2951ACMM Datasheet HTML 25Page - Texas Instruments LP2951ACMM Datasheet HTML 26Page - Texas Instruments LP2951ACMM Datasheet HTML 27Page - Texas Instruments LP2951ACMM Datasheet HTML 28Page - Texas Instruments LP2951ACMM Datasheet HTML 29Page - Texas Instruments LP2951ACMM Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
21-May-2013
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
2951CN
LP2950CZ-3.0/LFT3
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
2950
CZ3.0
LP2950CZ-3.0/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
-40 to 125
2950
CZ3.0
LP2950CZ-3.3/LFT1
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
2950
CZ3.3
LP2950CZ-3.3/LFT3
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
2950
CZ3.3
LP2950CZ-3.3/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
-40 to 125
2950
CZ3.3
LP2950CZ-5.0/LFT1
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
2950
CZ5.0
LP2950CZ-5.0/LFT3
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
2950
CZ5.0
LP2950CZ-5.0/LFT7
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
2950
CZ5.0
LP2950CZ-5.0/LFT8
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
2950
CZ5.0
LP2950CZ-5.0/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
-40 to 125
2950
CZ5.0
LP2951ACM
ACTIVE
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 125
2951
ACM>D
LP2951ACM-3.0
ACTIVE
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 125
2951A
CM30>D
LP2951ACM-3.0/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
2951A
CM30>D
LP2951ACM-3.3
ACTIVE
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 125
2951A
CM33>D
LP2951ACM-3.3/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
2951A
CM33>D
LP2951ACM/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
2951
ACM>D
LP2951ACMM
ACTIVE
VSSOP
DGK
8
1000
TBD
Call TI
Call TI
-40 to 125
L0DA
LP2951ACMM-3.0
ACTIVE
VSSOP
DGK
8
1000
TBD
Call TI
Call TI
-40 to 125
L0BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com