Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5900TL-2.7/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5900TL-2.7/NOPB
Description  LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5900TL-2.7/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP5900TL-2.7/NOPB Datasheet HTML 1Page - Texas Instruments LP5900TL-2.7/NOPB Datasheet HTML 2Page - Texas Instruments LP5900TL-2.7/NOPB Datasheet HTML 3Page - Texas Instruments LP5900TL-2.7/NOPB Datasheet HTML 4Page - Texas Instruments LP5900TL-2.7/NOPB Datasheet HTML 5Page - Texas Instruments LP5900TL-2.7/NOPB Datasheet HTML 6Page - Texas Instruments LP5900TL-2.7/NOPB Datasheet HTML 7Page - Texas Instruments LP5900TL-2.7/NOPB Datasheet HTML 8Page - Texas Instruments LP5900TL-2.7/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
VIN
VEN
GND
VOUT
OUTPUT
0.47 PF
0.47 PF
INPUT
ENABLE
GND
LP5900
LP5900
www.ti.com
SNVS358O – JULY 2005 – REVISED MAY 2013
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No
Bypass Capacitor
Check for Samples: LP5900
1
FEATURES
PACKAGE
2
•
Stable with 0.47
μF Ceramic Input and Output
•
4-Bump DSBGA (YZR), 1.057 mm x 1.083 mm x
Capacitors
0.600 mm
(lead free)
•
No Noise Bypass Capacitor Required
•
Extreme Thin 4-Bump DSBGA (YPF), 1.067 mm
•
Logic Controlled Enable
x 1.092 mm x 0.250 mm
•
Thermal-Overload and Short-Circuit Protection
(lead free)
•
−40°C to +125°C Junction Temperature Range
•
6-Pin WSON, 2.2 mm x 2.5 mm x 0.8 mm
for Operation
(SC70 footprint, halogen free)
KEY SPECIFICATIONS
APPLICATIONS
•
Input Voltage Range, 2.5V to 5.5V
•
Cellular Phones
•
Output Voltage Range, 1.5V to 4.5V
•
PDA Handsets
•
Output Current, 150 mA
•
Wireless LAN Devices
•
Low Output Voltage Noise, 6.5
μVRMS
•
PSRR, 75 dB at 1 kHz
DESCRIPTION
•
Output Voltage Tolerance, ± 2%
The LP5900 is a linear regulator capable of supplying
150 mA output current. Designed to meet the
•
Virturally Zero IQ (Disabled), <1 µA
requirements of RF/Analog circuits, the LP5900
•
Very Low IQ (Enabled), 25 μA
device provides low noise, high PSRR, low quiescent
•
Startup Time, 150
μs
current, and low line transient response figures. Using
new innovative design techniques the LP5900 offers
•
Low Dropout, 80 mV Typ.
class-leading device noise performance without a
noise bypass capacitor.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP5900TL-2.7/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5900TL-2.7/NOPB TI1-LP5900TL-2.7/NOPB Datasheet
1Mb / 30P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5900TL-2.7/NOPB TI2-LP5900TL-2.7/NOPB Datasheet
1Mb / 29P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
REVISED JUNE 2016
LP5900TL-2.7/NOPB.A TI2-LP5900TL-2.7/NOPB.A Datasheet
1Mb / 29P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
REVISED JUNE 2016
More results

Similar Description - LP5900TL-2.7/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5900SD-3.0 TI1-LP5900SD-3.0 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900TLX-2.8 TI1-LP5900TLX-2.8 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900 TI-LP5900_15 Datasheet
1Mb / 30P
LP5900 Ultra Low-Noise, 150-mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5910 TI-LP5910_15 Datasheet
994Kb / 27P
LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5900 TI1-LP5900 Datasheet
1Mb / 30P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904_16 Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com