Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB301X Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYUSB301X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB301X Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYUSB301X Datasheet HTML 3Page - Cypress Semiconductor CYUSB301X Datasheet HTML 4Page - Cypress Semiconductor CYUSB301X Datasheet HTML 5Page - Cypress Semiconductor CYUSB301X Datasheet HTML 6Page - Cypress Semiconductor CYUSB301X Datasheet HTML 7Page - Cypress Semiconductor CYUSB301X Datasheet HTML 8Page - Cypress Semiconductor CYUSB301X Datasheet HTML 9Page - Cypress Semiconductor CYUSB301X Datasheet HTML 10Page - Cypress Semiconductor CYUSB301X Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 7 of 45
Figure 5. Carkit UART Pass-through Block Diagram
GPIF II
The high-performance GPIF II interface enables functionality
similar to, but more advanced than, FX2LP’s GPIF and Slave
FIFO interfaces.
The GPIF II is a programmable state machine that enables a
flexible interface that may function either as a master or slave in
industry-standard or proprietary interfaces. Both parallel and
serial interfaces may be implemented with GPIF II.
Here are a list of GPIF II features:
■ Functions as master or slave
■ Provides 256 firmware programmable states
■ Supports 8-bit, 16-bit, and 32-bit parallel data bus
■ Enables interface frequencies up to 100 MHz
■ Supports 14 configurable control pins when a 32- bit data bus
is used. All control pins can be either input/output or bidirec-
tional.
■ Supports 16 configurable control pins when a 16/8 data bus is
used. All control pins can be either input/output or bi-directional.
GPIF II state transitions are based on control input signals. The
control output signals are driven as a result of the GPIF II state
transitions. The INT# output signal can be controlled by GPIF II.
Refer to the GPIFII Designer tool. The GPIF II state machine’s
behavior is defined by a GPIF II descriptor. The GPIF II
descriptor is designed such that the required interface specifica-
tions are met. 8 kB of memory (separate from the 512 kB of
embedded SRAM) is dedicated to the GPIF II waveform where
the GPIF II descriptor is stored in a specific format.
Cypress’s GPIFII Designer Tool enables fast development of
GPIF II descriptors and includes examples for common inter-
faces.
Example implementations of GPIF II are the asynchronous slave
FIFO and synchronous slave FIFO interfaces.
Slave FIFO interface
The Slave FIFO interface signals are shown in Figure 6. This
interface allows an external processor to directly access up to
four buffers internal to FX3. Further details of the Slave FIFO
interface are described on page 27.
Note Access to all 32 buffers is also supported over the slave
FIFO interface. For details, contact Cypress Applications
Support.
Figure 6. Slave FIFO Interface
CPU
FX3 has an on-chip 32-bit, 200-MHz ARM926EJ-S core CPU.
The core has direct access to 16 kB of Instruction Tightly
Coupled Memory (TCM) and 8 kB of Data TCM. The
ARM926EJ-S core provides a JTAG interface for firmware
debugging.
FX3 offers the following advantages:
■ Integrates 512 KB of embedded SRAM for code and data and
8 kB of Instruction cache and Data cache.
■ Implements efficient and flexible DMA connectivity between the
various peripherals (such as, USB, GPIF II, I2S, SPI, UART),
requiring firmware only to configure data accesses between
peripherals, which are then managed by the DMA fabric.
■ Allows easy application development on industry-standard
development tools for ARM926EJ-S.
Examples of the FX3 firmware are available with the Cypress
EZ-USB FX3 Development Kit. Software APIs that can be ported
to an external processor are available with the Cypress EZ-USB
FX3 Software Development Kit.
Carkit UART Pass-through
Carkit UART Pass-through
Interface on GPIF II
()
RXD(DP)
TXD(DM)
USB PHY
DP
DM
TXD
RXD
UART_ TXD
UART_ RXD
GPIO[48]
(UART_TX)
GPIO[49]
( UART_RX)
Carkit UART Pass-through
Interface on GPIOs
External
Processor
EZ-USB FX3
SLCS#
A[1:0]
D[31:0]
SLRD#
SLOE#
SLWR#
PKTEND
FLAGA
FLAGB
Note: Multiple Flags may be configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com