Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB301X Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYUSB301X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB301X Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYUSB301X Datasheet HTML 1Page - Cypress Semiconductor CYUSB301X Datasheet HTML 2Page - Cypress Semiconductor CYUSB301X Datasheet HTML 3Page - Cypress Semiconductor CYUSB301X Datasheet HTML 4Page - Cypress Semiconductor CYUSB301X Datasheet HTML 5Page - Cypress Semiconductor CYUSB301X Datasheet HTML 6Page - Cypress Semiconductor CYUSB301X Datasheet HTML 7Page - Cypress Semiconductor CYUSB301X Datasheet HTML 8Page - Cypress Semiconductor CYUSB301X Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
CYUSB301X
EZ-USB® FX3: SuperSpeed USB Controller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
• 408-943-2600
Document Number: 001-52136 Rev. *N
Revised May 31, 2013
Features
■ Universal serial bus (USB) integration
❐ USB 3.0 and USB 2.0 peripherals compliant with USB 3.0
specification 1.0
❐ 5-Gbps USB 3.0 PHY compliant with PIPE 3.0
❐ High-speed On-The-Go (HS-OTG) host and peripheral
compliant with OTG Supplement Version 2.0
❐ Thirty-two physical endpoints
❐ Support for battery charging Spec 1.1 and accessory charger
adaptor (ACA) detection
■ General Programmable Interface (GPIF™ II)
❐ Programmable 100-MHz GPIF II enables connectivity to a
wide range of external devices
❐ 8-, 16-, and 32-bit data bus
❐ As many as16 configurable control signals
■ Fully accessible 32-bit CPU
❐ ARM926EJ core with 200-MHz operation
❐ 512-KB or 256-KB embedded SRAM
■ Additional connectivity to the following peripherals
❐ I
2C master controller at 1 MHz
❐ I
2S master (transmitter only) at sampling frequencies of
32 kHz, 44.1 kHz, and 48 kHz
❐ UART support of up to 4 Mbps
❐ SPI master at 33 MHz
■ Selectable clock input frequencies
❐ 19.2, 26, 38.4, and 52 MHz
❐ 19.2-MHz crystal input support
■ Ultra low-power in core power-down mode
❐ Less than 60 µA with VBATT on and 20 µA with VBATT off
■ Independent power domains for core and I/O
❐ Core operation at 1.2 V
❐ I
2S, UART, and SPI operation at 1.8 to 3.3 V
❐ I
2C operation at 1.2 V
■ Package option
❐ 121-ball, 10- × 10-mm, 0.8-mm pitch Pb-free ball grid array
(BGA)
❐ 131-ball, 4.7- × 5.1-mm, 0.4-mm pitch wafer-level chip scale
package (WLCSP)
■ EZ-USB
® software and development kit (DVK) for easy code
development
Applications
■ Digital video camcorders
■ Digital still cameras
■ Printers
■ Scanners
■ Video capture cards
■ Test and measurement equipment
■ Surveillance cameras
■ Personal navigation devices
■ Medical imaging devices
■ Video IP phones
■ Portable media players
■ Industrial cameras


Similar Part No. - CYUSB301X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
SuperSpeed USB Controller
2022-08-11
More results

Similar Description - CYUSB301X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3014 CYPRESS-CYUSB3014 Datasheet
905Kb / 38P
EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
EZ-USB FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3035 CYPRESS-CYUSB3035 Datasheet
1,014Kb / 50P
EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
CYUSB3KIT-001 CYPRESS-CYUSB3KIT-001 Datasheet
9Mb / 4P
CYUSB3KIT-001 EZ-USB짰 FX3
Rev.*D
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
SuperSpeed USB Controller
2022-08-11
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com