Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5566MVR132 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5566MVR132
Description  MPC5566 Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5566MVR132 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5566MVR132 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Freescale
Data Sheet: Technical Data
Contents
© Freescale Inc., 2008,2012. All rights reserved.
Document Number: MPC5566
Rev. 3, September 2012
This document provides electrical specifications, pin
assignments, and package diagrams for the MPC5566
microcontroller device. For functional characteristics,
refer to the MPC5566 Microcontroller Reference
Manual.
1
Overview
The MPC5566 microcontroller (MCU) is a member of
the MPC5500 family of microcontrollers built on the
Power Architectureembedded technology. This family
of parts has many new features coupled with high
performance CMOS technology to provide substantial
reduction of cost per feature and significant performance
improvement over the MPC500 family.
The host processor core of this device complies with the
Power Architecture embedded category that is 100%
user-mode compatible (including floating point library)
with the original PowerPC instruction set.The embedded
architecture enhancements improve the performance in
embedded applications. The core also has additional
instructions, including digital signal processing (DSP)
instructions, beyond the original PowerPC instruction
set.
1
Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.1
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.2
Thermal Characteristics. . . . . . . . . . . . . . . . . . . . . . 5
3.3
Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3.4
EMI (Electromagnetic Interference) Characteristics 8
3.5
ESD (Electromagnetic Static Discharge) Characteris-
tics9
3.6
Voltage Regulator Controller (VRC) and
Power-On Reset (POR) Electrical Specifications9
3.7
Power-Up/Down Sequencing . . . . . . . . . . . . . . . . 10
3.8
DC Electrical Specifications. . . . . . . . . . . . . . . . . . 14
3.9
Oscillator and FMPLL Electrical Characteristics . . 20
3.10 eQADC Electrical Characteristics . . . . . . . . . . . . . 22
3.11 H7Fa Flash Memory Electrical Characteristics . . . 23
3.12 AC Specifications . . . . . . . . . . . . . . . . . . . . . . . . . 24
3.13 AC Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
3.14 Fast Ethernet AC Timing Specifications . . . . . . . . 46
4
Mechanicals. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
4.1
MPC5566 416 PBGA Pinout . . . . . . . . . . . . . . . . . 50
4.2
MPC5566 416-Pin Package Dimensions . . . . . . . 53
5
Revision History for the MPC5566 Data Sheet . . . . . . . 55
5.1
Information Changed Between Revisions 2.0 and 3.0
55
5.2
Information Changed Between Revisions 1.0 and 2.0
55
5.3
Information Changed Between Revisions 0.0 and 1.0
57
MPC5566
Microcontroller Data Sheet


Similar Part No. - MPC5566MVR132

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5566MZP132 FREESCALE-MPC5566MZP132 Datasheet
901Kb / 54P
Microcontroller
More results

Similar Description - MPC5566MVR132

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MPC5674F FREESCALE-MPC5674F Datasheet
1Mb / 132P
MPC5674F Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5602P NXP-MPC5602P Datasheet
2Mb / 95P
MPC5602P Microcontroller Data Sheet
Rev. 6,12/2012
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com